Electronic Components Datasheet Search
  English  ▼

X  

1069007 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 1069007
Description  Edge QAM Gain Stage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

1069007 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  1069007 Datasheet HTML 1Page - TriQuint Semiconductor 1069007 Datasheet HTML 2Page - TriQuint Semiconductor 1069007 Datasheet HTML 3Page - TriQuint Semiconductor 1069007 Datasheet HTML 4Page - TriQuint Semiconductor 1069007 Datasheet HTML 5Page - TriQuint Semiconductor 1069007 Datasheet HTML 6Page - TriQuint Semiconductor 1069007 Datasheet HTML 7Page - TriQuint Semiconductor 1069007 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TAT7472A1F
CATV 75
Ω pHEMT Dual RF Amplifier
Datasheet: Rev D 06-08-15
- 5 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Performance Plots
− TAT7472A1F-EB
Test conditions unless otherwise noted: VDD=+5 V, IDD=320 mA (typ.), Temp=+25°C
13
14
15
16
17
18
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
Gain vs. Frequency
+85°C
+25°C
−40°C
-40
-30
-20
-10
0
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
Input Return Loss vs. Frequency
+85°C
+25°C
−40°C
-40
-30
-20
-10
0
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
Output Return Loss vs. Frequency
+85°C
+25°C
−40°C
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
200
400
600
800
1000
1200
1400
Frequency (MHz)
Noise Figure vs. Frequency
+85°C
+25°C
−40°C
32
36
40
44
48
52
50
250
450
650
850
1050
1250
Frequency (MHz)
Output IP3 vs. Frequency
V
DD=+6.0 V, IDD=260 mA
V
DD=+5.5 V, IDD=290 mA
V
DD=+5.0 V, IDD=320 mA
Pout=+8 dBm/tone
10 MHz tone spacing
22
23
24
25
26
27
28
50
250
450
650
850
1050
1250
Frequency (MHz)
P1dB vs. Frequency
V
DD=+6.0 V, IDD=260 mA
V
DD=+5.5 V, IDD=290 mA
V
DD=+5.0 V, IDD=320 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com