Electronic Components Datasheet Search
  English  ▼

X  

1069007 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # 1069007
Description  Edge QAM Gain Stage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

1069007 Datasheet(HTML) 7 Page - TriQuint Semiconductor

  1069007 Datasheet HTML 1Page - TriQuint Semiconductor 1069007 Datasheet HTML 2Page - TriQuint Semiconductor 1069007 Datasheet HTML 3Page - TriQuint Semiconductor 1069007 Datasheet HTML 4Page - TriQuint Semiconductor 1069007 Datasheet HTML 5Page - TriQuint Semiconductor 1069007 Datasheet HTML 6Page - TriQuint Semiconductor 1069007 Datasheet HTML 7Page - TriQuint Semiconductor 1069007 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TAT7472A1F
CATV 75
Ω pHEMT Dual RF Amplifier
Datasheet: Rev D 06-08-15
- 7 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Package Marking and Dimensions
Marking:
Part Number
– TAT7472A1F
Lot code
– AaXXXX
Year/Week
–YYWW
PCB Mounting Pattern
Notes:
1. All dimensions are in millimeters. Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
3. Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation. We
recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25mm (0.0
10”).
4. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
TAT7472A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com