Electronic Components Datasheet Search
  English  ▼

X  

1069007 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # 1069007
Description  Edge QAM Gain Stage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

1069007 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  1069007 Datasheet HTML 1Page - TriQuint Semiconductor 1069007 Datasheet HTML 2Page - TriQuint Semiconductor 1069007 Datasheet HTML 3Page - TriQuint Semiconductor 1069007 Datasheet HTML 4Page - TriQuint Semiconductor 1069007 Datasheet HTML 5Page - TriQuint Semiconductor 1069007 Datasheet HTML 6Page - TriQuint Semiconductor 1069007 Datasheet HTML 7Page - TriQuint Semiconductor 1069007 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAT7472A1F
CATV 75
Ω pHEMT Dual RF Amplifier
Datasheet: Rev D 06-08-15
- 8 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 1A
Value:
≥ 250 V to <500 V
Test: Human Body Model (HBM)
Standard: JEDEC Standard JESD22-A114
ESD Rating: Class C3
Value:
≥1000 V to < 2000 V
Test: Charged Device Model (CDM)
Standard: JEDEC Standard JESD22-C101
Solderability
Compatible with both lead-free (260°C maximum reflow
temperature) and tin/lead (245°C maximum reflow
temperature) soldering processes.
Contact plating: NiPdAu
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
 Lead Free
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C15H12Br402) Free
 PFOS Free
 SVHC Free
MSL Rating
MSL Rating: Level 3
Test: 260°C convection reflow
Standard: JEDEC Standard IPC/JEDEC J-STD-020
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web:
www.triquint.com
Tel:
+1.707.526.4498
Email: info-sales@triquint.com
Fax:
+1.707.526.1485
For technical questions and application information:
Email: sjcapplications.engineering@triquint.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein.
TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user.
All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com