Electronic Components Datasheet Search
  English  ▼

X  

CS4245 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4245
Description  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4245 Datasheet HTML 14Page - Cirrus Logic CS4245 Datasheet HTML 15Page - Cirrus Logic CS4245 Datasheet HTML 16Page - Cirrus Logic CS4245 Datasheet HTML 17Page - Cirrus Logic CS4245 Datasheet HTML 18Page - Cirrus Logic CS4245 Datasheet HTML 19Page - Cirrus Logic CS4245 Datasheet HTML 20Page - Cirrus Logic CS4245 Datasheet HTML 21Page - Cirrus Logic CS4245 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
CS4245
18
AUXILIARY OUTPUT ANALOG CHARACTERISTICS (CONT’D)
Notes: 19. Valid only when PGA output is selected.
VA = 5V or 3.3V
Parameter
Symbol
Min
Typ
Max
Unit
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-
±5
-
%
Gain Drift
-
±100
-
ppm/°C
Analog Output
Full-Scale Output Voltage
PGA Output Selected
DAC Output Selected
-
-
0.56*VA
0.7*VA
VA
0.75*VA
Vpp
Vpp
Frequency Response 10 Hz to 20 kHz
-0.1dB
-
+0.1dB
dB
Analog In to Analog Out Phase Shift
(Note 19)
-
180
-
deg
DC Current draw from an AUXOUT pin
IOUT
--
1
µA
AC-Load Resistance
RL
100
-
-
k
Ω
Load Capacitance
CL
--
20
pF
Output Impedance
ZOUT
-1
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com