Electronic Components Datasheet Search
  English  ▼

X  

CS4245 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4245
Description  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4245 Datasheet HTML 41Page - Cirrus Logic CS4245 Datasheet HTML 42Page - Cirrus Logic CS4245 Datasheet HTML 43Page - Cirrus Logic CS4245 Datasheet HTML 44Page - Cirrus Logic CS4245 Datasheet HTML 45Page - Cirrus Logic CS4245 Datasheet HTML 46Page - Cirrus Logic CS4245 Datasheet HTML 47Page - Cirrus Logic CS4245 Datasheet HTML 48Page - Cirrus Logic CS4245 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
CS4245
45
6.9.2
Analog Input Selection (Bits 2:0)
Function:
These bits are used to select the input source for the PGA and ADC. Please see Table 15 below.
6.10 DAC Channel A Volume Control - Address 0Ah
See 6.11 DAC Channel B Volume Control - Address 0Bh
6.11 DAC Channel B Volume Control - Address 0Bh
6.11.1 Volume Control (Bits 7:0)
Function:
The digital volume control allows the user to attenuate the signal in 0.5 dB increments from 0 to
-127 dB. The Vol0 bit activates a 0.5 dB attenuation when set, and no attenuation when cleared. The
Vol[7:1] bits activate attenuation equal to their decimal equivalent (in dB). Example volume settings
are decoded as shown in Table Table 16. The volume changes are implemented as dictated by the
DACSoft and DACZeroCross bits in the DAC Control 2 register (see section 6.12.1).
Table 14. PGA Soft Cross or Zero Cross Mode Selection
PGASoft
PGAZeroCross
Mode
0
0
Changes to affect immediately
0
1
Zero Cross enabled
1
0
Soft Ramp enabled
1
1
Soft Ramp and Zero Cross enabled (default)
Table 15. Analog Input Multiplexer Selection
Sel2
Sel1
Sel0
PGA/ADC Input
0
0
0
Microphone Level Inputs (+32 dB Gain Enabled)
0
0
1
Line Level Input Pair 1
0
1
0
Line Level Input Pair 2
0
1
1
Line Level Input Pair 3
1
0
0
Line Level Input Pair 4
1
0
1
Line Level Input Pair 5
1
1
0
Line Level Input Pair 6
1
1
1
Reserved
76543
210
Vol7
Vol6
Vol5
Vol4
Vol3
Vol2
Vol1
Vol0
Table 16. Digital Volume Control Example Settings
Binary Code
Volume Setting
00000000
0 dB
00000001
-0.5 dB
00101000
-20 dB
00101001
-20.5 dB
11111110
-127 dB
11111111
-127.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com