Electronic Components Datasheet Search
  English  ▼

X  

CS4245 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4245
Description  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4245 Datasheet HTML 1Page - Cirrus Logic CS4245 Datasheet HTML 2Page - Cirrus Logic CS4245 Datasheet HTML 3Page - Cirrus Logic CS4245 Datasheet HTML 4Page - Cirrus Logic CS4245 Datasheet HTML 5Page - Cirrus Logic CS4245 Datasheet HTML 6Page - Cirrus Logic CS4245 Datasheet HTML 7Page - Cirrus Logic CS4245 Datasheet HTML 8Page - Cirrus Logic CS4245 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
CS4245
2
System Features
Direct interface with 1.8 V to 5 V logic levels
Optional asynchronous serial port operation
– Each serial port supports master or slave
operation
Selectable auxiliary analog output
– Allows analog monitoring of either the ADC
input signal after PGA or DAC output signal
Internal digital loopback
Power down mode
– Available for A/D, D/A, CODEC, Mic
Preamplifier
+3.3 V to +5 V analog power supply
+3.3 V to +5 V digital power supply
Supports I²C and SPI control port interfaces
Pin-compatible with CS5345
General Description
The CS4245 is a highly integrated stereo audio CO-
DEC. The CS4245 performs stereo analog-to-digital
(A/D) and digital-to-analog (D/A) conversion of up to
24-bit serial values at sample rates up to 192 kHz.
A 6:1 stereo input multiplexer is included for selecting
between line level or microphone level inputs. The mi-
crophone input path includes a +32 dB gain stage and a
low noise bias voltage supply. The PGA is available for
line or microphone inputs and provides gain/attenuation
of
±12 dB in 0.5 dB steps.
The output of the PGA is followed by an advanced 5th-
order, multi-bit delta sigma modulator and digital filter-
ing/decimation. Sampled data is transmitted by the
serial audio interface at rates from 4 kHz to 192 kHz in
either slave or master mode.
The D/A converter is based on a 4th-order multi-bit delta
sigma modulator with an ultra-linear low pass filter and
offers a volume control that operates with a 0.5 dB step
size. It incorporates selectable soft ramp and zero
crossing transition functions to eliminate clicks and
pops.
Standard 50/15
µs de-emphasis is available for a
44.1 kHz sample rate for compatibility with digital audio
programs mastered using the 50/15
µs pre-emphasis
technique.
Integrated level translators allow easy interfacing be-
tween the CS4245 and other devices operating over a
wide range of logic levels.
ORDERING INFORMATION
CS4245-CQZ -10° to 70° C
48-pin LQFP
CDB4245
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com