Electronic Components Datasheet Search
  English  ▼

X  

CS4245 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4245
Description  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4245 Datasheet HTML 35Page - Cirrus Logic CS4245 Datasheet HTML 36Page - Cirrus Logic CS4245 Datasheet HTML 37Page - Cirrus Logic CS4245 Datasheet HTML 38Page - Cirrus Logic CS4245 Datasheet HTML 39Page - Cirrus Logic CS4245 Datasheet HTML 40Page - Cirrus Logic CS4245 Datasheet HTML 41Page - Cirrus Logic CS4245 Datasheet HTML 42Page - Cirrus Logic CS4245 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
CS4245
39
6.
REGISTER DESCRIPTION
6.1
Chip ID - Register 01h
Function:
This register is Read-Only. Bits 7 through 4 are the part number ID which is 1100b (0Ch) and the re-
maining bits (3 through 0) are for the chip revision.
6.2
Power Control - Address 02h
6.2.1
Freeze (Bit 7)
Function:
This function allows modifications to be made to certain control port bits without the changes taking
effect until the Freeze bit is disabled. To make multiple changes to these bits take effect simulta-
neously, set the Freeze bit, make all changes, then clear the Freeze bit. The bits affected by the
Freeze function are listed in Table 4 below.
6.2.2
Power Down MIC (Bit 3)
Function:
The microphone preamplifier block will enter a low-power state whenever this bit is set.
6.2.3
Power Down ADC (Bit 2)
Function:
The ADC pair will remain in a reset state whenever this bit is set.
6.2.4
Power Down DAC (Bit 1)
Function:
The DAC pair will remain in a reset state whenever this bit is set.
6.2.5
Power Down Device (Bit 0)
Function:
The device will enter a low-power state whenever this bit is set. The power-down bit is set by default
and must be cleared before normal operation can occur. The contents of the control registers are re-
tained when the device is in power-down.
B7
B6
B5
B4
B3
B2
B1
B0
PART3
PART2
PART1
PART0
REV3
REV2
REV1
REV0
76543
210
Freeze
Reserved
Reserved
Reserved
PDN_MIC
PDN_ADC
PDN_DAC
PDN
Table 4. Freeze-able Bits
Name
Register
Bit(s)
MuteDAC
03h
2
MuteADC
04h
2
Gain[5:0]
07h
5:0
Gain[5:0]
08h
5:0
Vol[7:0]
0Ah
7:0
Vol[7:0]
0Bh
7:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com