Electronic Components Datasheet Search
  English  ▼

X  

AMS1117 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AMS1117
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AMS1117 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  AMS1117 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMS1117
800mA LOW DROPOUT VOLTAGE REGULATOR
www.artschip.com
4
APPLICATION HINTS
The AMS1117 series of adjustable and fixed regulators are easy
to use and are protected against short circuit and thermal
overloads. Thermal protection circuitry will shut-down the
regulator should the junction temperature exceed 165℃ at the
sense point.
Pin compatible with older three terminal adjustable regulators,
these devices offer the advantage of a lower dropout voltage,
more precise reference tolerance and improved reference
stability with temperature.
Stability
The circuit design used in the AMS1117 series requires the use
of an output capacitor as part of the device frequency
compensation. The addition of 22µF solid tantalum on the output
will ensure stability for all operating conditions.
When the adjustment terminal is bypassed with a capacitor to
improve the ripple rejection, the requirement for an output
capacitor increases. The value of 22 µF tantalum covers all
cases of bypassing the adjustment terminal. Without bypassing
the adjustment terminal smaller capacitors can be used with
equally good results.
To ensure good transient response with heavy load current
changes capacitor values on the order of 100µF are used in the
output of many regulators. To further improve stability and
transient response of these devices larger values of output
capacitor can be used.
Protection Diodes
Unlike older regulators, the AMS1117 family does not need any
protection diodes between the adjustment pin and the output
and from the output to the input to prevent over-stressing the die.
Internal resistors are limiting the internal current paths on the
AMS1117 adjustment pin, therefore even with capacitors on the
adjustment pin no protection diode is needed to ensure device
safety under short-circuit conditions.
Diodes between the input and output are not usually needed.
Microsecond surge currents of 50A to 100A can be handled by
the internal diode between the input and output pins of the
device. In normal operations it is difficult to get those values of
surge currents even with the use of large output capacitances. If
high value output capacitors are used, such as 1000µF to
5000µF and the input pin is instantaneously shorted to ground,
damage can occur. A diode from output to input is
recommended, when a crowbar circuit at the input of the
AMS1117 is used (Figure 1).
Figure 1.
Output Voltage
The AMS1117 series develops a 1.25V reference voltage
between the output and the adjust terminal. Placing a resistor
between these two terminals causes a constant current to flow
through R1 and down through R2 to set the overall output
voltage. This current is normally the specified minimum load
current of 10mA. Because IADJ is very small and constant it
represents a small error and it can usually be ignored.
Figure 2. Basic Adjustable Regulator
Load Regulation
True remote load sensing it is not possible to provide, because
the AMS1117 is a three terminal device. The resistance of the
wire connecting the regulator to the load will limit the load
regulation. The data sheet specification for load regulation is
measured at the bottom of the package. Negative side sensing
is a true Kelvin connection, with the bottom of the output divider
returned to the negative side of the load.
The best load regulation is obtained when the top of the resistor
divider R1 is connected directly to the case not to the load. If R1
were connected to the load, the effective resistance between the
regulator and the load would be:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com