Electronic Components Datasheet Search
  English  ▼

X  

AMS1117 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AMS1117
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AMS1117 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  AMS1117 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMS1117
800mA LOW DROPOUT VOLTAGE REGULATOR
www.artschip.com
2
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Power Dissipation
Internally limited
Input Voltage
15V
Operating Junction Temperature
Control Section
0℃ to 125℃
Power Transistor
0℃ to 125℃
Storage temperature
-65℃ to +150℃
Soldering information
Lead Temperature (10 sec)
300℃
Thermal Resistance
TO-252 package
φJA =80℃/W
SOT-223 package
φJA =90℃/W*
* With package soldering to copper area over backside ground
plane or internal power plane φJA can vary from 46℃/W to >90
℃
/W depending on mounting technique and the size of the
copper area.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT=0mA, and TJ=+25℃ unless otherwise specified.
Parameter
Device
Conditions
Min
Typ
Max
Units
Reference Voltage
(Note 2)
AMS1117
IOUT=10mA
10mA≤IOUT ≤800mA, 1.5V≤(VIN•VOUT) ≤12V
1.238
1.225
1.250
1.250
1.262
1.270
V
V
Output Voltage
(Note 2)
AMS1117-1.5
0≤IOUT ≤800mA, 3.0V≤VIN ≤12V
1.485
1.476
1.500
1.500
1.515
1.524
V
V
AMS1117-1.8
0≤IOUT ≤800mA, 3.3V≤VIN ≤12V
1.782
1.773
1.800
1.800
1.818
1.827
V
V
AMS1117-2.5
0≤IOUT ≤800mA, 4.0V≤VIN ≤12V
2.475
2.460
2.500
2.500
2.525
2.560
V
V
AMS1117-2.85
0≤IOUT ≤800mA, 4.35V≤VIN ≤12V
2.82
2.79
2.850
2.850
2.88
2.91
V
V
AMS1117-3.3
0≤IOUT ≤800mA, 4.75V≤VIN ≤12V
3.267
3.235
3.300
3.300
3.333
3.365
V
V
AMS1117-5.0
0≤IOUT ≤800mA, 6.5V≤VIN ≤12V
4.950
4.900
5.000
5.000
5.050
5.100
V
V
Line Regulation
AMS1117
ILOAD = 10mA, 1.5V≤(VIN•VOUT) ≤12V
0.015
0.035
0.2
0.2
%
%
AMS1117-1.5
3.0V≤VIN ≤12V
0.3
0.6
5
6
mV
mV
AMS1117-1.8
3.3V≤VIN ≤12V
0.3
0.6
5
6
mV
mV
AMS1117-2.5
4.0V≤VIN ≤12V
0.3
0.6
6
6
mV
mV
AMS1117-2.85
4.35V≤VIN ≤12V
0.3
0.6
6
6
mV
mV
AMS1117-3.3
4.75V≤VIN ≤12V
0.5
1.0
10
10
mV
mV
AMS1117-5.0
6.5V≤VIN ≤12V
0.5
1.0
10
10
mV
mV
Load Regulation
(Notes 2,3)
AMS1117
(VIN-VOUT) =3V, 10mA≤IOUT ≤800mA
0.1
0.2
0.3
0.4
%
%
AMS1117-1.5
VIN =5V, 0≤IOUT ≤800mA
3
6
10
20
mV
mV
AMS1117-1.8
VIN =5V, 0≤IOUT ≤800mA
3
6
10
20
mV
mV
AMS1117-2.5
VIN =5V, 0≤IOUT ≤800mA
3
6
12
20
mV
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com