Electronic Components Datasheet Search
  English  ▼

X  

AMS1117 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AMS1117
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AMS1117 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  AMS1117 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMS1117
800mA LOW DROPOUT VOLTAGE REGULATOR
www.artschip.com
5
APPLICATION HINTS
Connected as shown, RP is not multiplied by the divider ratio
Figure 3. Connections for Best Load Regulation
In the case of fixed voltage devices the top of R1 is connected
Kelvin internally, and the ground pin can be used for negative
side sensing.
Thermal Considerations
The AMS1117 series have internal power and thermal limiting
circuitry designed to protect the device under overload
conditions. However maximum junction temperature ratings of
125℃ should not be exceeded under continuous normal load
conditions.
Careful consideration must be given to all sources of thermal
resistance from junction to ambient. For the surface mount
package SOT–223 additional heat sources mounted near the
device must be considered. The heat dissipation capability of
the PC board and its copper traces is used as a heat sink for the
device. The thermal resistance from the junction to the tab for
the AMS1117 is 15℃/W. Thermal resistance from tab to ambient
can be as low as 30℃/W.
The total thermal resistance from junction to ambient can be as
low as 45℃/W. This requires a reasonable sized PC board with
at least on layer of copper to spread the heat across the board
and couple it into the surrounding air.
Experiments have shown that the heat spreading copper layer
does not need to be electrically connected to the tab of the
device. The PC material can be very effective at transmitting
heat between the pad area, attached to the pad of the device,
and a ground plane layer either inside or on the opposite side of
the board. Although the actual thermal resistance of the PC
material is high, the length/Area ratio of the thermal resistance
between layers is small. The data in table 1, was taken using
1/16” FR-4 board with 1 oz. Copper foil, and it can be used as a
rough guideline for estimating thermal resistance.
For each application the thermal resistance will be affected by
thermal interactions with other components on the board. TO
determine the actual value some experimentation will be
necessary.
The power dissipation of the AMS1117 is equal to:
PD=(VIN-VOUT)(IOUT)
Maximum junction temperature will be equal to:
TJ=TA(MAX) + PD (Thermal Resistance (junction –to-ambient))
Maximum junction temperature must not exceed 125℃.
Ripple Rejection
The ripple rejection values are measured with the adjustment
pin bypassed. The impedance of the adjust pin capacitor at the
ripple frequency should be less than the value of R1 (normally
100Ω to 200Ω) for a proper bypassing and ripple rejection
approaching the values shown. The size of the required adjust
pin capacitor is a function of the input ripple frequency. If
R1=100Ω at 120Hz the adjust pin capacitor should be >13µF. At
10kHz only 0.16µF is needed.
The ripple rejection will be a function of output voltage, in circuits
without an adjust pin bypass capacitor. The output ripple will
increase directly as a ratio of the output voltage to the reference
voltage (VOUT/VREF).
Table 1.
COPPER AREA
TOP SIDE*
BACK SIDE
BOARD AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
2500 Sq. mm
2500 Sq. mm
2500 Sq. mm
45℃/W
1000 Sq. mm
2500 Sq. mm
2500 Sq. mm
45℃/W
225 Sq. mm
2500 Sq. mm
2500 Sq. mm
53℃/W
100 Sq. mm
2500 Sq. mm
2500 Sq. mm
59℃/W
1000 Sq. mm
1000 Sq. mm
1000 Sq. mm
52℃/W
1000 Sq. mm
0
1000 Sq. mm
55℃/W
*Tab of device attached to topside copper.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com