Electronic Components Datasheet Search
  English  ▼

X  

AMS1117 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AMS1117
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AMS1117 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  AMS1117 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. AMS1117 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMS1117
800mA LOW DROPOUT VOLTAGE REGULATOR
www.artschip.com
1
FEATURES
Three Terminal Adjustable or Fixed Voltages* 1.5V, 1.8V,
2.5V, 2.85V, 3.3V and 5.0V
Output Current of 800mA
Operates Down to 1V Dropout
Line Regulation: 0.2% Max.
Load Regulation: 0.4% Max.
SOT-223 and TO-252 package available
APPLICATIONS
High Efficiency Linear Regulators
Post Regulators for Switching Supplies
5V to 3.3V Linear Regulator
Battery Chargers
Active SCSI terminators
Power Management for Notebook
Battery Powered Instrumentation
GENERAL DESCRIPTION
The AMS1117 series of adjustable and fixed voltage regulators are designed to provide 800mA output current and to operate down to
1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.3V at maximum output current, decreasing
at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload conditions on
both the regulator and power source circuitry.
The AMS1117 devices are pin compatible with other three-terminal SCSI regulators and are offered in the low profile surface mount
SOT-223 package and in the TO-252 (DPAK) plastic package.
ORDERING INFORMATION:
PACKAGE TYPE
TO-252
SOT-223
OPERATING JUNCTION
TEMPERATURE RANGE
AMS1117CD
AMS1117
0 to 125℃
AMS1117CD-1.5
AMS1117-1.5
0 to 125℃
AMS1117CD-1.8
AMS1117-1.8
0 to 125℃
AMS1117CD-2.5
AMS1117-2.5
0 to 125℃
AMS1117CD-2.85
AMS1117-2.85
0 to 125℃
AMS1117CD-3.3
AMS1117-3.3
0 to 125℃
AMS1117CD-5.0
AMS1117-5.0
0 to 125℃
*For additional available fixed voltages contact factory.
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1-Ground
1-Adjust
2-VOUT
2-VOUT
3-VIN
3-VIN
SOT-223 Top View
TO-252 FRONT VIEW


Similar Part No. - AMS1117

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
800mA LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117 Datasheet
185Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Hotchip Technology Co.,...
AMS1117 HOTCHIP-AMS1117 Datasheet
879Kb / 9P
Low Dropout Voltage
More results

Similar Description - AMS1117

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com