Electronic Components Datasheet Search
  English  ▼

X  

DM59014 Datasheet(PDF) 10 Page - TOKYO SEIMITSU CO., LTD

Part # DM59014
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM59014 Datasheet(HTML) 10 Page - TOKYO SEIMITSU CO., LTD

Back Button DM59014 Datasheet HTML 6Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 10Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 11Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 12Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 13Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 14Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Measuring application
Model
External view
d
L1
L2 Applicable arm
Remarks
General purpose
DM45501
3
60
52 DM45531
DM45502
3
34
26 DM45528
DM45503
2
21
13 DM45529
General purpose
DM45504
3
60
52 DM45531
• Standard accessory:
DM45505
DM45505*
3
34
26 DM45528
DM45506
2
21
13 DM45529
Edge line
DM45507
3
60
52 DM45531
DM45508*
3
34
26 DM45528
DM45509
2
21
13 DM45529
Small holes
DM45510
─
12
9
DM45530
• Measuring force:
10 mN or less
• Deflection:
Approx. 1.5 μm for
10 mN
DM45511
─
8
5
DM45512*1
─
4.5
1.5
Small hole twist
DM45513*
─
12
9
DM45530
• Measuring force:
10 mN or less
• Deflection:
Approx. 1.5 μm for
10 mN
DM45514
─
8
5
DM45515* *1
─
4.5
1.5
Ordinary offset
DM45516
─
12
9
DM45530
• Measuring force:
10 mN or less
• Deflection:
Approx. 3 μm for
10 mN
DM45517
─
8
5
DM45518*1
─
4.5
1.5
Helix surface offset
DM45519
─
12
9
DM45530
• Measuring force:
10 mN or less
• Deflection:
Approx. 3 μm for
10 mN
DM45520
─
8
5
DM45521*1
─
4.5
1.5
High precision
DM45580
3
21
13 DM45733 • Φ 0.5 ruby ball
DM45583
─
16.5 8.5
─
• Φ 0.5 ruby ball
• Integrated with arm
DM45522
3
60
52 DM45531
• Φ 0.7 ruby ball
DM45523
3
34
26 DM45528
DM45524
2
21
13 DM45529
DM45525
3
60
52 DM45531
• Φ 1 ruby ball
DM45526
3
34
26 DM45528
DM45527
2
21
13 DM45529
L2
ød
L1
24° conical, R0.025
L1
12° angular, R0.025
L2
25
65
17
L1
24° conical, R0.025
L2
25
65
17
13
ø3
21
ø0.5 ruby ball
Standard Inventory Parts
*Indicates stylus/arm set DM45500
*1:Requires master ball calibration unit for small holes.
Contour Styli
Applicable models
C1710
C2600
C2700
S1910
S2800
S2900
Stylus material: Cemented carbide
Surface Texture – Contour
Measuring Instruments
SURFCOM · CONTOURECORD Option
7
24° conical, R0.025
L1
17
L2
5
65
7
90
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com