Electronic Components Datasheet Search
  English  ▼

X  

DM59014 Datasheet(PDF) 11 Page - TOKYO SEIMITSU CO., LTD

Part # DM59014
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM59014 Datasheet(HTML) 11 Page - TOKYO SEIMITSU CO., LTD

Back Button DM59014 Datasheet HTML 7Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 8Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 9Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 10Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 11Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 12Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 13Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 14Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 15Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Measuring application
Model
External view
Applicable arm stylus
Remarks
Contour detector
E-DT-CH07A
• C2600, S2800E/G
E-DT-CH08A
• C2700DX/SD, S2900DX/SD
E-DT-CH10B
• C1710DX/SD, S1910DX/SD
General purpose
DM45528
DM45502
DM45505
DM45508
DM45523
DM45526
• Standard configuration
• Deflection: Approx. 1.2 μm for 10 mN
Approx. 3.7 μm for 30 mN
Inner surface
DM45529
DM45503
DM45506
DM45509
DM45524
DM45527
• Deflection: Approx. 1.2 μm for 10 mN
Approx. 3.7 μm for 30 mN
Small holes
DM45530*
DM45510
to
DM45521
• Stylus combination arm for
measuring small holes
Deep grooves
DM45531
DM45501
DM45504
DM45507
DM45522
DM45525
• Measuring force: 10 mN or less
(Provided with auxiliary weight)
• Deflection: Approx. 1.2 μm for 10 mN
Approx. 3.7 μm for 30 mN
Offset measurement
DM45532*
DM45502
DM45505
DM45508
DM45523
DM45526
• Measuring force: 10 mN or less
(Provided with auxiliary weight)
• Deflection: Approx. 2.6 μm for 10 mN
Approx. 7.8 μm for 30 mN
DM45533
DM45503
DM45506
DM45509
DM45524
DM45527
• Measuring force: 10 mN or less
(Provided with auxiliary weight)
• Deflection: Approx. 2.6 μm for 10 mN
Approx. 7.8 μm for 30 mN
Arm/stylus set
DM45500
• Stylus : DM45505, DM45508,
DM45513, DM45515
• Arms : DM45530, DM45532
Contour Detectors and Arms
Applicable models
C1710
C2600
C2700
S1910
S2800
S2900
Standard Inventory Parts
*Indicates stylus/arm set DM45500
179
179
91
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com