Electronic Components Datasheet Search
  English  ▼

X  

DM59014 Datasheet(PDF) 16 Page - TOKYO SEIMITSU CO., LTD

Part # DM59014
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM59014 Datasheet(HTML) 16 Page - TOKYO SEIMITSU CO., LTD

Back Button DM59014 Datasheet HTML 12Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 13Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 14Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 15Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 16Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 17Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 18Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 19Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 20Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Name
Model
External view
Specifications
Remarks
System rack
E-DK-S24A
Dimensions:
800 mm × 800 mm × (1070 to 1370) mm
Weight: 44.5 kg
E-DK-S25A
Dimensions:
1200 mm × 800 mm × (1070 to 1370) mm
Side desk
E-DK-S10A
Dimensions:
400 mm × 700 mm × 700 mm
High magnifi-
cation
dust cover
E-CV-S02A
Dimensions:
750 mm × 614 mm × 810 mm
Weight: 8 kg
• Used with desktop anti-vi-
bration table/stand for
roughness measuring
• For Standard/Linear
series SD type (Excluding
S5000, S3000)
E-CV-S03A
Dimensions:
1000 mm × 629 mm × 810 mm
Weight: 13 kg
• Used with desktop anti-vi-
bration table/stand for
contour profile measure-
ment
• For Standard/Linear series
SD type
(Excluding S5000, S3000)
Dust cover
E-CV-S25A
Dimensions:
1070 mm × 750 mm × 1050 mm
Weight: 20 kg
• Used with E-VS-S21A an-
ti-vibration table for large
measuring table
Measuring
position
verification unit
E-MA-S81A
Magnification: x20
Focal distance: 60 mm
• Stand type
DM59014
Magnification: x20
Focal distance: 60 mm
• Can be used with work-
piece movement tracing
driver
Light
E-MA-S84A
• Stand type
Color camera
monitoring
system
DM59103
Image sensor:
Interline type CCD
Effective pixels:
768 mm × 494 mm
Configuration
(1) Color camera
(2) Color monitor
(3) Power adapter
(4) Microscope adapter
(5) Connection cable
(6) Instruction manual
H
Transparent
acrylic plate
D
W
Transparent
vinyl sheet
Microscope knob
Stand
Microscope
Focal
distance60
X25
Light guide (option)
CCD camera
CCD camera
(option)
Microscope
Microscope
115
70
Flexible arm
Fine
movement
knob
Light guide
Light guide
Fixing knob
Flexible arm
Microscope
Microscope
(sold separately)
Light guide (option)
CCD camera
CCD camera
(option)
(option)
Standard Inventory Parts
Surface Texture – Contour
Measuring Instruments
SURFCOM · CONTOURECORD Option
96
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com