Electronic Components Datasheet Search
  English  ▼

X  

DM59014 Datasheet(PDF) 14 Page - TOKYO SEIMITSU CO., LTD

Part # DM59014
Description  SURFCOM 쨌 CONTOURECORD Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DM59014 Datasheet(HTML) 14 Page - TOKYO SEIMITSU CO., LTD

Back Button DM59014 Datasheet HTML 10Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 11Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 12Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 13Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 14Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 15Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 16Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 17Page - TOKYO SEIMITSU CO., LTD DM59014 Datasheet HTML 18Page - TOKYO SEIMITSU CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Name
Model
External view
Specifications
Remarks
Pickup
movement
tracing driver
(For standard series)
E-RM-S72B/
S138B
Drive distance: 100 mm
Driving speed: 0.03 mm/s to 6.0 mm/s, 8
speeds
Straightness accuracy: (0.05 + 1.5L/1000) μm
Weight: Approx. 9 kg
• E-RM-S72B:
excluding C2600, 2800
• E-RM-S138B:
for C2600, 2800
• S480: E-RM-S71B
Specifications same
as shown to left
E-RM-S178A/
S182A
Drive distance: 200 mm
Driving speed: 0.03 mm/s to 6.0 mm/s, 8 speeds
Straightness accuracy: (0.05 + 1.5L/1000) μm
Weight: Approx. 15 kg
• E-RM-S178B:
excluding C2600, 2800
• E-RM-S182B:
for C2600, 2800
• S480: E-RM-S73B
Specifications same
as shown to left
E-RM-S141A
Drive distance: 100 mm
Driving speed: 0.003 mm/s to 6.0 mm/s, 11 speeds
Straightness accuracy: (0.05 + 1.5L/1000) μm
Weight: Approx. 9 kg
• S480: E-RM-S78A
Specifications same
as shown to left
Pickup
movement
tracing driver
(For linear series)
E-RM-S205A
Drive distance: 100 mm
Driving speed: 0.03 mm/s to 6.0 mm/s
Straightness accuracy: (0.05 + L/1000) μm
Weight: Approx. 9 kg
E-RM-S183E
Drive distance: 200 mm
Driving speed: 0.03 mm/s to 6.0 mm/s
Straightness accuracy: (0.05 + L/1000) μm
Weight: Approx. 15 kg
Workpiece
movement
tracing driver
E-RM-S75A
Drive distance: 50 mm
Driving speed: 0.03 mm/s to 6.0 mm/s, 8 speeds
Straightness accuracy: (0.05 + 1.5L/1000) μm
Weight: Approx. 15 kg
Load weight: 5 kg
Leveling range: ±1.5°
• Cannot be used for
Linear Series.
• Requires pickup
holder stand.
E-RM-S76A
Drive distance: 150 mm
Driving speed: 0.03 mm/s to 6.0 mm/s, 8 speeds
Straightness accuracy: (0.05 + 1.5L/1000) μm
Weight: Approx. 20 kg
Load weight: 5 kg
Leveling range: ±1°
• Cannot be used for
Linear Series.
• Requires pickup
holder stand.
E-RM-S77B
Drive distance: 300 mm
Driving speed: 0.03 mm/s to 6.0 mm/s, 8 speeds
Straightness accuracy: (0.05 + 1.5L/1000) μm
Weight: Approx. 32 kg
Load weight: 10 kg
Leveling range: ±0.8°
• Cannot be used for
Linear Series.
• Requires pickup
holder stand.
Outer periphery
roughness
tracing driver
E-RM-S85B
Measuring OD: Φ 12 mm to 20 mm
Length: 30 mm to 150 mm
OD: Φ 20 to 150 mm
Length: 30 mm to 250 mm
Peripheral velocity: 0.3, 0.6, 1.5 mm/s
Weight: Approx. 7 kg
Load weight: 5 kg
Round surface
roughness
tracing driver
E-RM-S84A
Measuring radius: 0.25 mm to 40 mm
Rotation accuracy: ±0.25 μm (180° arbitrary)
Peripheral velocity: 0.3 mm/s (stepless)
Weight: Approx. 15 kg
Column cross
feed device
E-ST-S131A
Range of movement :
X : 660 mm
Y : 200 mm
Weight: Approx. 370 kg
For measurement of
large and heavy parts
(Manufactured upon
receipt of order)
Auto tilting table
E-AT-S72A
Leveling range: ±2°
Load weight: 5 kg
Y-axis direction
stroke 200
Y-axis direction
stroke 200
Peripherals
Surface Texture – Contour
Measuring Instruments
SURFCOM · CONTOURECORD Option
Standard Inventory Parts
94
TOKYO SEIMITSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com