Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 36 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 36 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 32Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 33Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 34Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 40Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
28
Track ID: JATR-2265-11
Rev. 1.3
8.1.5.
Parameter – Audio Function Capabilities
(Verb ID=F00h, Parameter ID=08h)
Table 21. Parameter – Audio Function Capabilities (Verb ID=F00h, Parameter ID=08h)
Codec Response Format
Bit
Description
31:17
Reserved. Read as 0’s.
16
Beep Generator, Read as 1.
A ‘1’ indicates the presence of an integrated Beep generator within the Audio Function Group.
15:12
Reserved. Read as 0’s.
11:8
Input Delay. Read as 0xF.
7:4
Reserved. Read as 0’s.
3:0
Output Delay. Read as 0xF.
Note: The Audio Function Group (NID=01h) supports this parameter.
8.1.6.
Parameter – Audio Widget Capabilities
(Verb ID=F00h, Parameter ID=09h)
Table 22. Parameter – Audio Widget Capabilities (Verb ID=F00h, Parameter ID=09h)
Codec Response Format
Bit
Description
31:24
Reserved. Read as 0’s.
23:20
Widget Type.
0h: Audio Output
1h: Audio Input
2h: Mixer
3h: Selector
4h: Pin Complex
5h: Power Widget
6h: Volume Knob Widget
7h~Eh: Reserved
Fh: Vendor defined audio widget
19:16
Delay. Samples delayed between the HDA link and widgets.
15:11
Reserved. Read as 0’s.
10
Power Control.
0: Power state control is not supported on this widget
1: Power state is supported on this widget
9
Digital.
0: An analog input or output converter
1: A widget translating digital data between the HDA link and digital I/O (SPDIF, I2S, etc.)
8
ConnList. Connection List.
0: Connected to HDA link. No Connection List Entry should be queried
1: Connection List Entry must be queried
7
UnsolCap. Unsolicited Capable.
0: Unsolicited response is not supported
1: Unsolicited response is supported
6
ProcWidget. Processing Widget.
0: No processing control
1: Processing control is supported
5
Reserved. Read as 0.
4
Format Override.
3
AmpParOvr, AMP Param Override.
2
OutAmpPre. Out AMP Present.
1
InAmpPre. In AMP Present.
0
Stereo.
0: Mono Widget
1: Stereo Widget



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com