Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 21 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 21 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 17Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 18Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 19Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 20Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 21Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 22Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 23Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 24Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 25Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
13
Track ID: JATR-2265-11
Rev. 1.3
7.2. Frame Composition
7.2.1.
Outbound Frame – Single SDO
An outbound frame is composed of one 32-bit command stream and multiple data streams. There are one
or multiple sample blocks in a data stream. Only one sample block exists in a stream if the HDA
controller delivers a 48kHz rate of samples to the codec. Multiple sample blocks in a stream means the
sample rate is a multiple of 48kHz. This means there should be two blocks in the same stream to carry
96kHz samples (Figure 7).
For outbound frames, the stream tag is not in SDO, but in the SYNC signal. A new data stream is started
at the end of the stream tag. The stream tag includes a 4-bit preamble and 4-bit stream ID (Figure 8).
To keep the cadence of converters bound to the same stream, samples for these converters must be placed
in the same block.
Command Stream
SDO
SYNC
A 48kHz Frame is composed of Command stream and multiple Data streams
Stream 'X' Data
Stream 'A' Data
Stream 'A' Tag
Stream 'X' Tag
Frame SYNC
(Here 'A' = 5)
(Here 'X' = 6)
Next Frame
Previous Frame
0s
Null Field
Sample Block(s)
Block 1
Block 2
..
.
Block Y
Sample 1 Sample 2
..
.
Sample Z
msb
...
lsb
For 48kHz rate, only Block1 is included
One or multiple blocks in a stream
For 96kHz rate, Block1 includes (N)
th time of samples, Block2
includes (N+1)
th time of samples
Z channels of PCM Sample
msb first in a sample
Padded at the
end of Frame
Figure 7.
SDO Outbound Frame
SDO
SYNC
BCLK
Data of Stream 10
7654
0
1
2
3
Preamble Stream=10
11 0
0
msb
lsb
Previous Stream
Stream Tag
(4-Bit)
(4-Bit)
Figure 8.
SDO Stream Tag is Indicated in SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com