Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 86 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 86 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 82Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 83Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 84Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 85Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 86Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 87Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 88Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 89Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 90Page - Realtek Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
78
Track ID: JATR-2265-11
Rev. 1.3
C66
4.7u/X5R/0805/10V
C68
4.7u/X5R/0805/10V
R72
75
R74
75
R70
2.2K
R71
2.2K
MIC1-JD
C71
100P
C70
100P
L24
FERB
L22
FERB
JACK 9
MIC-IN (Port-B)
1
2
5
3
4
R82
22K
R83
22K
LINE1-L
LINE1-R
R76
22K
R77
22K
C76
4.7u/X5R/0805/10V
FRONT-L
FRONT-R
LFE
SURR-R
CEN
SURR-L
SIDESURR-L
SIDESURR-R
R78
75
R80
75
R84
75
R86
75
ANALOG I/O CONNECTOR
R73
75
R75
75
R79
75
R81
75
R85
75
R87
75
L28
FERB
C78
100P
L26
FERB
C79
100P
SURR-JD
MIC1-VREFO-L
MIC1-VREFO-R
MIC1-R
MIC1-L
C74
4.7u/X5R/0805/10V
L32
FERB
L30
FERB
L33
FERB
C86
100P
C87
100P
C88
100P
C89
100P
C73
100P
L25
FERB
L31
FERB
L23
FERB
C72
100P
LINE1-JD
JACK 12
SURROUND (Port-A)
1
2
5
3
4
L29
FERB
C80
100P
JACK 10
CENTER/LFE (Port-G)
1
2
5
3
4
C81
100P
L27
FERB
JACK 14
SIDESURR (Port-H)
1
2
5
3
4
SIDESURR-JD
CEN-JD
FRONT-JD
C82
100u
C84
100u
C75
10u
C77
10u
C67
10u
C69
10u
C83
10u
C85
10u
JACK 13
FRONT-OUT (Port-D)
1
2
5
3
4
JACK 11
LINE-IN (Port-C)
1
2
5
3
4
R90
22K
R91
22K
R88
22K
R89
22K
Figure 20. Jack Connection at Rear Panel
C92
0.1u
R92
100
R93
220
S/PDIF-OUT
+5VD
U9
TOTX178
4
5
R100
220
C94
0.1u
C97
0.01u
C101
100P
J10
RCA
1
R97
100
S/PDIF option 3: Optical & RCA
Transmitter
S/PDIF-OUT
S/PDIF-OUT
R99
75
+5VD
R96
10
C100
100P
C96 470p
U8
TORX178S
4
5
L34 47uH
R94
10
C93
0.1u
Receiver
S/PDIF-IN
J5A2
RCA
S
R
S/PDIF-IN
C99 470p
+5VD
L35 47uH
C102
0.1u
R101 10
S/PDIF-IN
Receiver
U10
TORX178S
4
5
R98
75
J9
RCA
1
C95 470p R95
10
C98
100P
S/PDIF-IN
Transmitter
S/PDIF option 2: RCA only
S/PDIF module option 1: Optical
S/PDIF-OUT
S/PDIF-OUT
U7
TOTX178
4
5
S/PDIF-IN
+5VD
C90
0.01u
C91
100P
J8
RCA
1
Figure 21. SPDIF Input/Output Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com