Electronic Components Datasheet Search
  English  ▼

X  

ALC892 Datasheet(PDF) 39 Page - Realtek Semiconductor Corp.

Part # ALC892
Description  7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC892 Datasheet(HTML) 39 Page - Realtek Semiconductor Corp.

Back Button ALC892 Datasheet HTML 35Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 36Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 37Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 38Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 39Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 40Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 41Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 42Page - Realtek Semiconductor Corp. ALC892 Datasheet HTML 43Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
ALC892
Datasheet
7.1+2 Channel HD Audio Codec with Content Protection
31
Track ID: JATR-2265-11
Rev. 1.3
8.1.10. Parameter – Amplifier Capabilities
(Verb ID=F00h, Input Amplifier Parameter ID=0Dh)
Parameters in this node provide audio function group default information. Individual converters have
their own parameters to provide amplifier capabilities if the ‘AMP Param Override’ bit is set.
Table 26. Parameter – Amplifier Capabilities (Verb ID=F00h, Input Amplifier Parameter ID=0Dh)
Codec Response Format
Bit
Description
31
(Input) Mute Capable.
30:23
Reserved. Read as 0.
22:16
Step Size.
Indicates the size of each step in the gain range. Each step may be 0~32dB, specified in 0.25dB steps.
‘0’ indicates a step of 0.25dB. ‘127’ indicates a step of 32dB.
15
Reserved. Read as 0.
14:8
Number of Steps.
Indicates the number of steps in the gain range. ‘0’ means the gain is fixed.
7
Reserved. Read as 0.
6:0
Offset.
Indicates which step is 0dB.
8.1.11. Parameter – Amplifier Capabilities
(Verb ID=F00h, Output Amplifier Parameter ID=12h)
Parameters in this node provide audio function group default information. Individual converters have
their own parameters to provide amplifier capabilities if the ‘AMP Param Override’ bit is set.
Table 27. Parameter – Amplifier Capabilities (Verb ID=F00h, Output Amplifier Parameter ID=12h)
Codec Response Format
Bit
Description
31
(Output) Mute Capable.
30:23
Reserved. Read as 0.
22:16
Step Size.
Indicates the size of each step in the gain range. Each step may be 0~32dB, specified in 0.25dB steps.
‘0’ indicates a step of 0.25dB. ‘127’ indicates a step of 32dB.
15
Reserved. Read as 0.
14:8
Number of Steps.
Indicates the number of steps in the gain range. ‘0’ means the gain is fixed.
7
Reserved. Read as 0.
6:0
Offset. Indicates which step is 0dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com