Electronic Components Datasheet Search
  English  ▼

X  

MSM80C31F Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM80C31F
Description  CMOS 8-Bit Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C31F Datasheet(HTML) 2 Page - OKI electronic componets

  MSM80C31F Datasheet HTML 1Page - OKI electronic componets MSM80C31F Datasheet HTML 2Page - OKI electronic componets MSM80C31F Datasheet HTML 3Page - OKI electronic componets MSM80C31F Datasheet HTML 4Page - OKI electronic componets MSM80C31F Datasheet HTML 5Page - OKI electronic componets MSM80C31F Datasheet HTML 6Page - OKI electronic componets MSM80C31F Datasheet HTML 7Page - OKI electronic componets MSM80C31F Datasheet HTML 8Page - OKI electronic componets MSM80C31F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2/38
¡ Semiconductor
MSM80C31F/80C51F
• Package options
40-pin plastic DIP (DIP40-P-600-2.54)
:
(MSM80C31F-¥¥¥RS) (MSM80C51F-¥¥¥RS)
44-pin plastic QFP (QFP44-P-910-0.80-2K)
:
(MSM80C31F-¥¥¥GS) (MSM80C51F-¥¥¥GS)
44-pin plastic QFJ (PLCC) (QFJ44-P-S650-1.27) :
(MSM80C31F-¥¥¥JS) (MSM80C51F-¥¥¥JS)
¥¥¥ indicates the code number.
DIFFERENCES BETWEEN MSM80C31F/MSM80C51F AND MSM80C31/MSM80C51
• Operating frequency
0.5 to 16 MHz ..................... MSM80C31F-1/MSM80C51F-1
0.5 to 12 MHz ..................... MSM80C31/MSM80C51/MSM80C31F/MSM80C51F
• External clock input terminal
XTAL1 ................................. MSM80C31F(-1)/MSM80C51F(-1)
XTAL2 ................................. MSM80C31/MSM80C51
• Emulation mode
Output impedance of ALE and PSEN pins becomes about 20 kW while CPU is being reset in
MSM80C31F/MSM80C51F.
Any other functions and electrical characteristics of MSM80C31F/MSM80C51F except for
above three differences are the same as those of MSM80C31/MSM80C51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com