Electronic Components Datasheet Search
  English  ▼

X  

MSM80C31F Datasheet(PDF) 33 Page - OKI electronic componets

Part # MSM80C31F
Description  CMOS 8-Bit Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C31F Datasheet(HTML) 33 Page - OKI electronic componets

Back Button MSM80C31F Datasheet HTML 29Page - OKI electronic componets MSM80C31F Datasheet HTML 30Page - OKI electronic componets MSM80C31F Datasheet HTML 31Page - OKI electronic componets MSM80C31F Datasheet HTML 32Page - OKI electronic componets MSM80C31F Datasheet HTML 33Page - OKI electronic componets MSM80C31F Datasheet HTML 34Page - OKI electronic componets MSM80C31F Datasheet HTML 35Page - OKI electronic componets MSM80C31F Datasheet HTML 36Page - OKI electronic componets MSM80C31F Datasheet HTML 37Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
33/38
¡ Semiconductor
MSM80C31F/80C51F
Serial Port Timing (I/O Expansion Mode) AC Characteristics 1
tXLXL
MACHINE
CYCLE
ALE
SHIFT
CLOCK
OUTPUT
DATA
INPUT
DATA
tQVXH
tXHQX
tXHDV
tXHDX
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
01
2
3
4
5
6
7
12
3
4
5
6
7
8
0
Symbol
Parameter
Min.
Max.
Unit
tXLXL
12tCLCL
—
ns
tQVXH
10tCLCL – 133
—
ns
tXHQX
2tCLCL – 117
—
ns
tXHDX
0
—
ns
tXHDV
—
10tCLCL – 133
ns
(Ta = –40°C to +85°C ; VCC = 5 V ±20% ; VSS = 0 V)
Serial port clock cycle time
Output data setup to clock rising edge
Output data hold after clock rising edge
Input data hold after clock rising edge
Clock rising edge to input data valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com