Electronic Components Datasheet Search
  English  ▼

X  

MSM80C31F Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM80C31F
Description  CMOS 8-Bit Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C31F Datasheet(HTML) 1 Page - OKI electronic componets

  MSM80C31F Datasheet HTML 1Page - OKI electronic componets MSM80C31F Datasheet HTML 2Page - OKI electronic componets MSM80C31F Datasheet HTML 3Page - OKI electronic componets MSM80C31F Datasheet HTML 4Page - OKI electronic componets MSM80C31F Datasheet HTML 5Page - OKI electronic componets MSM80C31F Datasheet HTML 6Page - OKI electronic componets MSM80C31F Datasheet HTML 7Page - OKI electronic componets MSM80C31F Datasheet HTML 8Page - OKI electronic componets MSM80C31F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1/38
¡ Semiconductor
MSM80C31F/80C51F
¡ Semiconductor
MSM80C31F/MSM80C51F
CMOS 8-Bit Microcontroller
GENERAL DESCRIPTION
The OKI MSM80C31F/MSM80C51F microcontroller is a low-power, 8-bit device implemented
in OKI's silicon-gate complementary metal-oxide semiconductor process technology. The
device includes 4K bytes of mask programmable ROM (MSM80C51F only), 128 bytes of
data RAM, 32 I/O lines, two 16-bit timer/counters, a five-source two-level interrupt
structure, a full duplex serial port, and an oscillator and clock circuitry. In addition, the device
has two software selectable modes for further power reduction — Idle and Power Down. Idle
mode freezes the CPU's in-struction execution while maintaining RAM and allowing the timers,
serial port and interrupt system to continue functions. Power Down mode saves the RAM
contents but freezes the oscillator causing all other device functions to be inoperative.
FEATURES
• Low power consumption by 2 mm silicon gate CMOS process technology
• Fully static circuit
• Internal program memory
:
4K bytes (MSM80C51F)
• External program memory space
:
64K bytes
• Internal data memory (RAM)
:
128 bytes
• External data memory (RAM) space
:
64K bytes
• I/O ports
:
8-bit ¥ 4 ports
• Two 16-bit timer/counters
• Multifunctional serial port (UART)
• Five interrupt sources (Priority can be set)
• Four sets of working registers (R0-7 ¥ 4)
• Stack
:
Internal data memory (RAM)
128-byte area can be used arbitrarily (by SP specified)
• Two CPU power-down modes
(1) Idle mode
:
CPU stopped while oscillation continued.
(Software setting)
(2) PD mode
:
CPU and oscillation all stopped.
(Software setting)
(Setting I/O ports to floating status possible)
• Operating temperature
:
–40 to +85
°C (@ 12 MHz, VCC = 5 V ±20%)
–20 to +70
°C (@ 16 MHz, VCC = 5 V ±5%)
• 2-byte 1-machine cycle instructions
:
1 msec. @ 12 MHz
0.75 msec. @ 16 MHz
• Multiplication/division instructions
:
4 msec. @ 12 MHz
3 msec. @ 16 MHz
• Instruction code addressing method
Byte specification
:
Data addressing (direct)
Bit specification
:
Bit addressing
E2E1037-19-41
This version: Mar. 1995


Similar Part No. - MSM80C31F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C35 OKI-MSM80C35 Datasheet
149Kb / 20P
CMOS 8-Bit Microcontroller
MSM80C39 OKI-MSM80C39 Datasheet
149Kb / 20P
CMOS 8-Bit Microcontroller
More results

Similar Description - MSM80C31F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
19-Jul-2000
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
17-Jun-2003
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
11-Sep-2002
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com