Electronic Components Datasheet Search
  English  ▼

X  

MSM80C31F Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM80C31F
Description  CMOS 8-Bit Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C31F Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM80C31F Datasheet HTML 14Page - OKI electronic componets MSM80C31F Datasheet HTML 15Page - OKI electronic componets MSM80C31F Datasheet HTML 16Page - OKI electronic componets MSM80C31F Datasheet HTML 17Page - OKI electronic componets MSM80C31F Datasheet HTML 18Page - OKI electronic componets MSM80C31F Datasheet HTML 19Page - OKI electronic componets MSM80C31F Datasheet HTML 20Page - OKI electronic componets MSM80C31F Datasheet HTML 21Page - OKI electronic componets MSM80C31F Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
18/38
¡ Semiconductor
MSM80C31F/80C51F
Instruction Set Details (continued)
D6 D5 D4 D3
D1
Bytes Cycles
Type
Mnemonic
Instruction code
Description
D7
D2
D0
11
10
0
1
1
r0
MOV A, @Rr
11
(A) ¨ ((Rr))
11
11
1
MOV Rr, A
11
(Rr) ¨ (A)
11
00
0
1
01
XCH A, direct
22
(A) ´ (direct address)
a7 a6 a5 a4 a3 a2 a1 a0
11
00
1
XCH A, Rr
11
(A) ´ (Rr)
11
10
1
r2 r1
r0
MOV A, Rr
11
(A) ¨ (Rr)
10
10
1
MOV Rr,
direct
22
(Rr) ¨ (direct address)
a7 a6 a5 a4 a3 a2 a1 a0
MOV direct, A
21
(direct address) ¨ (A)
10
01
0
0
11
MOVC A,
@A+DPTR
12
(A) ¨ ((A)+(DPTR))
10
00
0
0
11
MOVC A,
@A+PC
12
(PC) ¨ (PC+1)
(A) ¨ ((A)+(PC))
11
10
0
1
01
MOV A, direct
21
(A) ¨ (direct address)
a7 a6 a5 a4 a3 a2 a1 a0
10
10
0
0
10
MOV C, bit
21
(C) ¨ (bit address)
b7 b6 b5 b4 b3 b2 b1 b0
10
01
0
0
10
MOV bit, C
22
(bit address) ¨ (C)
b7 b6 b5 b4 b3 b2 b1 b0
11
01
0
0
10
SETB bit
21
(bit address) ¨ 1
b7 b6 b5 b4 b3 b2 b1 b0
11
00
0
0
10
CLR bit
21
(bit address) ¨ 0
b7 b6 b5 b4 b3 b2 b1 b0
10
11
0
0
10
CPL bit
21
(bit address) ¨
(bit address)
b7 b6 b5 b4 b3 b2 b1 b0
r2 r1
r0
r2 r1
r0
11
11
0
1
01
a7 a6 a5 a4 a3 a2 a1 a0
10
00
1
MOV direct,
Rr
22
(direct address) ¨ (Rr)
a7 a6 a5 a4 a3 a2 a1 a0
r2 r1
r0
10
00
0
MOV direct 1,
direct 2
32
(direct address 1) ¨ (direct address 2)
a7 a6 a5 a4 a3 a2 a1 a0
11
r0
10
10
0
MOV @Rr,
direct
22
((Rr)) ¨ (direct address)
a7 a6 a5 a4 a3 a2 a1 a0
11
r0
11
11
0
1
1
r0
MOV @Rr, A
11
((Rr)) ¨ (A)
r2 r1
r0
11
00
0
XCH A, @Rr
11
(A) ´ ((Rr))
11
r0
11
01
0
XCHD A, @Rr
11
(A0 - 3) ´ ((Rr0 - 3))
11
r0
a7 a6 a5 a4 a3 a2 a1 a0
22
22
2
2
22
11
11
1
1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com