Electronic Components Datasheet Search
  English  ▼

X  

PCM1791ADB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1791ADB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1791ADB Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM1791ADB Datasheet HTML 31Page - Texas Instruments PCM1791ADB Datasheet HTML 32Page - Texas Instruments PCM1791ADB Datasheet HTML 33Page - Texas Instruments PCM1791ADB Datasheet HTML 34Page - Texas Instruments PCM1791ADB Datasheet HTML 35Page - Texas Instruments PCM1791ADB Datasheet HTML 36Page - Texas Instruments PCM1791ADB Datasheet HTML 37Page - Texas Instruments PCM1791ADB Datasheet HTML 38Page - Texas Instruments PCM1791ADB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
PCM1791A
SLES071A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
35
Analog Gain of Balanced Amplifier
The DAC voltage outputs are followed by balanced amplifier stages, which sum the differential signals for each
channel, creating a single-ended voltage output. In addition, the balanced amplifiers provide a third-order
low-pass filter function, which band limits the audio output signal. The cutoff frequency and gain are determined
by external R and C component values. In this case, the cutoff frequency is 77 kHz with a gain of 1.83. The
output voltage for each channel is 5.9 Vp-p, or 2.1 V rms.
Application for Monaural-Mode Operation
A single-channel signal from the stereo audio data input is output from both VOUTL and VOUTR as a differential
output. The channel to be output is selected by setting the CHSL bit in register 20. The advantage of monaural
operation is to provide over 115 dB of dynamic range for high-end audio applications.
−
+
C3
C1
C2
R2
18
17
13
12
PCM1791A
VOUTR+
VOUTL−
VOUTL+
VOUTR−
R4
R1
R3
R5
R6
R8
R7
L/R Clock
Bit Clock
System Clock
Audio Data
PCM1791A
PCM1791A
Controller
Analog
Output
Stage
VOUT
R-Channel
Analog
Output
Stage
VOUT
L-Channel
Analog Output Stage
NOTE: Example R and C values for fC = 77 kHz, R1–R4: 3.6 kΩ, R5, R6: 3.3 kΩ, R7, R8: 680 Ω, C1: 1800 pF, C2, C3: 560 pF.
Figure 37. Connection Diagram for Monaural Mode Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com