Electronic Components Datasheet Search
  English  ▼

X  

PCM1791ADB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1791ADB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1791ADB Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1791ADB Datasheet HTML 15Page - Texas Instruments PCM1791ADB Datasheet HTML 16Page - Texas Instruments PCM1791ADB Datasheet HTML 17Page - Texas Instruments PCM1791ADB Datasheet HTML 18Page - Texas Instruments PCM1791ADB Datasheet HTML 19Page - Texas Instruments PCM1791ADB Datasheet HTML 20Page - Texas Instruments PCM1791ADB Datasheet HTML 21Page - Texas Instruments PCM1791ADB Datasheet HTML 22Page - Texas Instruments PCM1791ADB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
PCM1791A
SLES071A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
19
External Digital Filter Interface and Timing
The PCM1791A supports an external digital filter interface comprising a 4-wire synchronous serial port, which allows
the use of an external digital filter. External filters include the Texas Instruments DF1704 and DF1706, the Pacific
Microsonics PMD200, or a programmable digital signal processor.
In the external DF mode, LRCK (pin 1), BCK (pin 2), DATA (pin 3), and MUTE (pin 4) are defined as WDCK, the word
clock; BCK, the bit clock; DATAL, the L-channel data; and DATAR, the R-channel data, respectively. The external
digital filter interface is selected by using the DFTH bit of control register 20, which functions to bypass the internal
digital filter of the PCM1791A.
Detailed information for the external digital filter interface mode is provided in the APPLICATION FOR EXTERNAL
DIGITAL FILTER INTERFACE section of this data sheet.
Direct Stream Digital (DSD) Format Interface and Timing
The PCM1791A supports the DSD format interface operation, which includes out-of-band noise filtering using an
internal analog FIR filter. For DSD operation, SCK (pin 5) is redefined as BCK, DATA (pin 3) as DATAL (left-channel
audio data), and LRCK (pin 1) as DATAR (right-channel audio data). BCK (pin 2) must be forced low in the DSD mode.
The DSD format (DSD mode) interface is activated by setting the DSD bit of control register 20.
Detailed information for the DSD mode is provided in the APPLICATION FOR DSD FORMAT (DSD MODE)
INTERFACE section of this data sheet.
TDMCA Interface
The PCM1791A supports the time-division-multiplexed command and audio (TDMCA) data format to enable control
of and communication with a number of external devices over a single serial interface.
Detailed information for the TDMCA format is provided in the TDMCA INTERFACE FORMAT section of this data
sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com