Electronic Components Datasheet Search
  English  ▼

X  

PCM1791ADB Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1791ADB
Description  24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1791ADB Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM1791ADB Datasheet HTML 35Page - Texas Instruments PCM1791ADB Datasheet HTML 36Page - Texas Instruments PCM1791ADB Datasheet HTML 37Page - Texas Instruments PCM1791ADB Datasheet HTML 38Page - Texas Instruments PCM1791ADB Datasheet HTML 39Page - Texas Instruments PCM1791ADB Datasheet HTML 40Page - Texas Instruments PCM1791ADB Datasheet HTML 41Page - Texas Instruments PCM1791ADB Datasheet HTML 42Page - Texas Instruments PCM1791ADB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
PCM1791A
SLES071A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
39
APPLICATION FOR DSD FORMAT (DSD MODE) INTERFACE
SCK
24
23
22
21
20
19
18
17
16
15
5
6
7
8
9
10
11
12
13
14
PCM1791A
RST
VDD
DGND
AGNDF
VCCR
AGNDR
VOUTR−
VOUTR+
VCOM
MSEL
VOUTL−
ZEROL
ZEROR
VCCF
VCCL
VOUTL+
AGNDC
AGNDL
LRCK
1
2
3
4
BCK
DATA
MUTE
28
27
26
25
MS
MC
MDI
MDO
VCCC
Mode
Control
DATA-R
DATA-L
BIT Clock (n
fS)
Analog
Output Stage
(Same as Standard
Application)
Analog
Output Stage
(Same as Standard
Application)
DSD Decoder
Figure 41. Connection Diagram in DSD Mode
Feature
This mode is used for interfacing directly to a DSD decoder, which is found in Super Audio CD
t (SACD) applications.
The DSD mode is available by programming the following bit in the corresponding control register:
D DSD = 1 (register 20)
The DSD mode provides a low-pass filtering function. The filtering is provided using an analog FIR filter structure.
Four FIR responses are available, and are selected by the DMF[1:0] bits of control register 18.
The DSD bit must be set before inputting DSD data; otherwise, the PCM1791A erroneously detects the TDMCA
mode, and commands are not accepted through the serial control interface.
Super Audio CD is a trademark of Sony Kabushiki Kaisha TA Sony Corporation, Japan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com