Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 146 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 146 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 142Page - Microchip Technology 12F635 Datasheet HTML 143Page - Microchip Technology 12F635 Datasheet HTML 144Page - Microchip Technology 12F635 Datasheet HTML 145Page - Microchip Technology 12F635 Datasheet HTML 146Page - Microchip Technology 12F635 Datasheet HTML 147Page - Microchip Technology 12F635 Datasheet HTML 148Page - Microchip Technology 12F635 Datasheet HTML 149Page - Microchip Technology 12F635 Datasheet HTML 150Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 144
Preliminary
© 2005 Microchip Technology Inc.
14.14 PICSTART Plus Development
Programmer
The PICSTART Plus development programmer is an
easy-to-use, low-cost, prototype programmer. It con-
nects to the PC via a COM (RS-232) port. MPLAB
Integrated Development Environment software makes
using the programmer simple and efficient. The
PICSTART Plus development programmer supports
most PICmicro devices up to 40 pins. Larger pin count
devices, such as the PIC16C92X and PIC17C76X,
may be supported with an adapter socket. The
PICSTART Plus development programmer is CE
compliant.
14.15 PICDEM 1 PICmicro
Demonstration Board
The PICDEM 1 demonstration board demonstrates the
capabilities of the PIC16C5X (PIC16C54 to PIC16C58A),
PIC16C61,
PIC16C62X,
PIC16C71,
PIC16C8X,
PIC17C42, PIC17C43 and PIC17C44. All necessary
hardware and software is included to run basic demo
programs. The sample microcontrollers provided with the
PICDEM 1 demonstration board can be programmed with
a PRO MATE II device programmer or a PICSTART Plus
development programmer. The PICDEM 1 demonstration
board can be connected to the MPLAB ICE in-circuit
emulator for testing. A prototype area extends the circuitry
for additional application components. Features include
an RS-232 interface, a potentiometer for simulated
analog input, push button switches and eight LEDs.
14.16 PICDEM.net Internet/Ethernet
Demonstration Board
The PICDEM.net demonstration board is an Internet/
Ethernet demonstration board using the PIC18F452
microcontroller and TCP/IP firmware. The board
supports any 40-pin DIP device that conforms to the
standard
pinout
used
by
the
PIC16F877
or
PIC18C452. This kit features a user friendly TCP/IP
stack, web server with HTML, a 24L256 Serial
EEPROM for Xmodem download to web pages into
Serial
EEPROM,
ICSP/MPLAB
ICD
2
interface
connector, an Ethernet interface, RS-232 interface and
a 16 x 2 LCD display. Also included is the book and
CD-ROM “TCP/IP Lean, Web Servers for Embedded
Systems,” by Jeremy Bentham
14.17 PICDEM 2 Plus
Demonstration Board
The PICDEM 2 Plus demonstration board supports many
18, 28 and 40-pin microcontrollers, including PIC16F87X
and PIC18FXX2 devices. All the necessary hardware and
software is included to run the demonstration programs.
The sample microcontrollers provided with the PICDEM 2
demonstration board can be programmed with a PRO
MATE
II
device
programmer,
PICSTART
Plus
development programmer, or MPLAB ICD 2 with a
Universal Programmer Adapter. The MPLAB ICD 2 and
MPLAB ICE in-circuit emulators may also be used with
the PICDEM 2 demonstration board to test firmware. A
prototype area extends the circuitry for additional
application components. Some of the features include an
RS-232 interface, a 2 x 16 LCD display, a piezo speaker,
an on-board temperature sensor, four LEDs and sample
PIC18F452 and PIC16F877 Flash microcontrollers.
14.18 PICDEM 3 PIC16C92X
Demonstration Board
The PICDEM 3 demonstration board supports the
PIC16C923 and PIC16C924 in the PLCC package. All
the necessary hardware and software is included to run
the demonstration programs.
14.19 PICDEM 4 8/14/18-Pin
Demonstration Board
The PICDEM 4 can be used to demonstrate the
capabilities of the 8, 14 and 18-pin PIC16XXXX and
PIC18XXXX MCUs, including the PIC16F818/819,
PIC16F87/88, PIC16F62XA and the PIC18F1320
family of microcontrollers. PICDEM 4 is intended to
showcase the many features of these low pin count
parts, including LIN and Motor Control using ECCP.
Special provisions are made for low power operation
with the supercapacitor circuit and jumpers allow on-
board hardware to be disabled to eliminate current
draw in this mode. Included on the demo board are
provisions for Crystal, RC or Canned Oscillator modes,
a five volt regulator for use with a nine volt wall adapter
or battery, DB-9 RS-232 interface, ICD connector for
programming via ICSP and development with MPLAB
ICD 2, 2 x 16 liquid crystal display, PCB footprints for H-
Bridge motor driver, LIN transceiver and EEPROM.
Also included are: header for expansion, eight LEDs,
four potentiometers, three push buttons and a
prototyping area. Included with the kit is a PIC16F627A
and a PIC18F1320. Tutorial firmware is included along
with the User’s Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com