Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 150 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 150 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 146Page - Microchip Technology 12F635 Datasheet HTML 147Page - Microchip Technology 12F635 Datasheet HTML 148Page - Microchip Technology 12F635 Datasheet HTML 149Page - Microchip Technology 12F635 Datasheet HTML 150Page - Microchip Technology 12F635 Datasheet HTML 151Page - Microchip Technology 12F635 Datasheet HTML 152Page - Microchip Technology 12F635 Datasheet HTML 153Page - Microchip Technology 12F635 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 148
Preliminary
© 2005 Microchip Technology Inc.
FIGURE 15-1:
PIC12F635/PIC16F636 VOLTAGE-FREQUENCY GRAPH, -40°C
≤ TA ≤ +125°C
FIGURE 15-2:
PIC16F639 VOLTAGE-FREQUENCY GRAPH, -40°C
≤ TA ≤ +125°C
5.5
2.0
3.5
2.5
0
3.0
4.0
4.5
5.0
4
Frequency (MHz)
VDD
(Volts)
Note 1: The shaded region indicates the permissible combinations of voltage and frequency.
20
10
5.5
2.0
3.6
2.5
0
3.0
4.0
4.5
5.0
4
Frequency (MHz)
VDD
(Volts)
Note 1: The shaded region indicates the permissible combinations of voltage and frequency.
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com