Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 165 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 165 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 161Page - Microchip Technology 12F635 Datasheet HTML 162Page - Microchip Technology 12F635 Datasheet HTML 163Page - Microchip Technology 12F635 Datasheet HTML 164Page - Microchip Technology 12F635 Datasheet HTML 165Page - Microchip Technology 12F635 Datasheet HTML 166Page - Microchip Technology 12F635 Datasheet HTML 167Page - Microchip Technology 12F635 Datasheet HTML 168Page - Microchip Technology 12F635 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 163
PIC12F635/PIC16F636/639
TABLE 15-2:
PRECISION INTERNAL OSCILLATOR PARAMETERS
FIGURE 15-5:
CLKOUT AND I/O TIMING
Param
No.
Sym
Characteristic
Freq
Tolerance
Min
Typ†
Max
Units
Conditions
F10
FOSC
Internal Calibrated
INTOSC Frequency(1)
HFINTOSC
±1%
—
8.00
TBD
MHz VDD and Temperature (TBD)
±2%
—
8.00
TBD
MHz 2.5V
≤ VDD ≤ 5.5V
0
°C ≤ TA ≤ +85°C
±5%
—
8.00
TBD
MHz 2.0V
≤ VDD ≤ 5.5V
-40
°C ≤ TA ≤ +85°C (Ind.)
-40
°C ≤ TA ≤ +125°C (Ext.)
F14
TIOSCST Oscillator Wake-up from
Sleep Start-up Time*
——
TBD
TBD
μsVDD = 2.0V, -40°C to +85°C
——
TBD
TBD
μsVDD = 3.0V, -40°C to +85°C
——
TBD
TBD
μsVDD = 5.0V, -40°C to +85°C
Legend: TBD = To Be Determined
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to
the device as possible. 0.1
μF and 0.01 μF values in parallel are recommended.
OSC1
CLKOUT
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
22
23
19
18
15
11
12
16
Old Value
New Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com