Electronic Components Datasheet Search
  English  ▼

X  

12F635 Datasheet(PDF) 166 Page - Microchip Technology

Part # 12F635
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F635 Datasheet(HTML) 166 Page - Microchip Technology

Back Button 12F635 Datasheet HTML 162Page - Microchip Technology 12F635 Datasheet HTML 163Page - Microchip Technology 12F635 Datasheet HTML 164Page - Microchip Technology 12F635 Datasheet HTML 165Page - Microchip Technology 12F635 Datasheet HTML 166Page - Microchip Technology 12F635 Datasheet HTML 167Page - Microchip Technology 12F635 Datasheet HTML 168Page - Microchip Technology 12F635 Datasheet HTML 169Page - Microchip Technology 12F635 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 164
Preliminary
© 2005 Microchip Technology Inc.
TABLE 15-3:
CLKOUT AND I/O TIMING REQUIREMENTS
FIGURE 15-6:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND
POWER-UP TIMER TIMING
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
10
TOSH2CKLOSC1
↑ to CLKOUT↓
—75
200
ns
(Note 1)
11
TOSH2CKHOSC1
↑ to CLKOUT↑
—75
200
ns
(Note 1)
12
TCKR
CLKOUT Rise Time
—
35
100
ns
(Note 1)
13
TCKF
CLKOUT Fall Time
—
35
100
ns
(Note 1)
14
TCKL2IOVCLKOUT
↓ to Port Out Valid
—
—
20
ns
(Note 1)
15
TIOV2CKH
Port In Valid before CLKOUT
↑
TOSC + 200 ns
—
—
ns
(Note 1)
16
TCKH2IOI
Port In Hold after CLKOUT
↑
0
—
—
ns
(Note 1)
17
TOSH2IOVOSC1
↑ (Q1 cycle) to Port Out Valid
—
50
150*
ns
——
300
ns
18
TOSH2IOIOSC1
↑ (Q2 cycle) to Port Input
Invalid (I/O in hold time)
100
—
—
ns
19
TIOV2OSH
Port Input Valid to OSC1
↑
(I/O in setup time)
0—
—
ns
20
TIOR
Port Output Rise Time
—
10
40
ns
21
TIOF
Port Output Fall Time
—
10
40
ns
22
TINP
INT pin High or Low Time
25
—
—
ns
23
TRBP
PORTA Change INT High or Low
Time
TCY
——
ns
*
These parameters are characterized but not tested.
† Data in ‘Typ’ column is at 5.0V, 25
°C unless otherwise stated.
Note 1:
Measurements are taken in RC mode where CLKOUT output is 4 x TOSC.
VDD
MCLR
Internal
POR
PWRT
Time-out
OSC
Time-out
Internal
Reset
Watchdog
Timer
Reset
33
32
30
31
34
I/O pins
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com