Electronic Components Datasheet Search
  English  ▼

X  

WNM2016 Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # WNM2016
Description  N-Channel, 20V, 3.2A, Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM2016 Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  WNM2016 Datasheet HTML 1Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 2Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 3Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 4Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 5Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 6Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WNM20
16
Typical Performance Graph
Output Characteristics
Rds(on) vs. Drain Current
Rds(on) vs. Junction Temperature
Transfer Characteristics
Rds(on) vs. Gate to Source Voltage
Threshold voltage vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
20
V
GS
=2.0V
V
GS
=3.0V to 5.0V
V
GS
=1.5V
V
DS
-Drain-to-source Voltage(V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.03
0.06
0.09
0.12
0.15
I
D
=3.5A
V
GS
-Gate-to-source Voltage(V)
-50
0
50
100
150
35
40
45
50
55
60
V
GS
=4.5V,I
D
=3.5A
Temperature(
oC)
-50
0
50
100
150
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
DS
=3.5V
Temperature(
oC)
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
T=-55
oC
T=125
oC
T=25
oC
V
GS
-GATE-to-source Voltage(V)
02
4
6
8
10
0
40
80
120
160
VGS=4.0V
VGS=2.0V
VGS=1.5V
I
D
-Drain Current(A)
Will Semiconductor Ltd.
4
Mar.2018 – Rev.1.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com