Electronic Components Datasheet Search
  English  ▼

X  

WNM2016 Datasheet(PDF) 1 Page - Will Semiconductor Ltd.

Part # WNM2016
Description  N-Channel, 20V, 3.2A, Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM2016 Datasheet(HTML) 1 Page - Will Semiconductor Ltd.

  WNM2016 Datasheet HTML 1Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 2Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 3Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 4Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 5Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 6Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WNM20
16
WNM20
16
N-Channel, 20V, 3.2A, Power MOSFET
Descriptions
Features
Trench Technology
Supper high density cell design
Excellent ON resistance for higher DC current
Extremely Low Threshold Voltage
Small package SOT-23
Applications
Driver for Relay, Solenoid, Motor, LED etc.
DC-DC converter circuit
Power Switch
Load Switch
SOT-23
Configuration (Top View)
WT6*
WT6
= Device Code
*
= Month (A~Z)
Marking
Order Information
Device
Package
Shipping
WNM20
16-3/TR
SOT-23
3000/Tape&Reel
2
S
D
3
1
G
2
3
1
G
S
D
The WNM2016 is N-Channel enhancement MOS
Field Effect Transistor. Uses advanced trench
technology and design to provide excellent RDS (ON)
with low gate charge. This device is suitable for use
in DC-DC conversion, power switch and charging
circuit. Standard Product WNM2016 is Pb-free and
Halogen-free.
Will Semiconductor Ltd.
1
Mar.2018 – Rev.1.5
VDS (V)
Typical RDS(on) (mΩ)
20
40 @ VGS=4.5V
47 @ VGS=2.5V
55 @ VGS=1.8V
Http://www.sh-willsemi.com


Similar Part No. - WNM2016

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
WNM2016 KEXIN-WNM2016 Datasheet
478Kb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
WNM2016-3/TR VBSEMI-WNM2016-3/TR Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
WNM2016-3TR VBSEMI-WNM2016-3TR Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results

Similar Description - WNM2016

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
90N02 UTC-90N02 Datasheet
131Kb / 3P
90A, 20V N-CHANNEL POWER MOSFET
logo
Union Semiconductor, In...
UM2302 UNIONSEMI-UM2302 Datasheet
288Kb / 7P
20V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDMJ1028N FAIRCHILD-FDMJ1028N Datasheet
424Kb / 7P
N-Channel 2.5V Specified PowerTrench짰 MOSFET 20V, 3.2A, 90m廓
logo
Taiwan Semiconductor Co...
TSM210N02CX TSC-TSM210N02CX Datasheet
447Kb / 5P
20V N-Channel Power MOSFET
TSM250N02CX TSC-TSM250N02CX Datasheet
443Kb / 5P
20V N-Channel Power MOSFET
logo
Union Semiconductor, In...
UM2302 UNIONSEMI-UM2302_14 Datasheet
202Kb / 7P
20V N-Channel Power MOSFET
logo
Renesas Technology Corp
GWS4621L RENESAS-GWS4621L Datasheet
524Kb / 8P
Dual 20V N-Channel Power MOSFET
logo
Will Semiconductor Ltd.
WPM2026 WILLSEMI-WPM2026 Datasheet
859Kb / 7P
Single P-Channel, -20V, -3.2A, Power MOSFET
WPM2081 WILLSEMI-WPM2081 Datasheet
1Mb / 8P
Single P-Channel, -20V, -3.2A, Power MOSFET
WPM3031 WILLSEMI-WPM3031 Datasheet
1Mb / 8P
Single P-Channel,-30V,-3.2A, Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com