Electronic Components Datasheet Search
  English  ▼

X  

WNM2016 Datasheet(PDF) 2 Page - Will Semiconductor Ltd.

Part # WNM2016
Description  N-Channel, 20V, 3.2A, Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WNM2016 Datasheet(HTML) 2 Page - Will Semiconductor Ltd.

  WNM2016 Datasheet HTML 1Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 2Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 3Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 4Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 5Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 6Page - Will Semiconductor Ltd. WNM2016 Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
WNM20
16
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 S
Steady State
Unit
Drain-Source Voltage
VDS
20
Gate-Source Voltage
VGS
±8
V
TA=25°C
3.2
2.9
Continuous Drain Current (TJ = 150 °C)
a
TA=70°C
ID
2.5
2.3
A
TA=25°C
0.8
0.7
Maximum Power Dissipation
a
TA=70°C
PD
0.5
0.4
W
TA=25°C
2.9
2.7
Continuous Drain Current (TJ = 150 °C)
b
TA=70°C
ID
2.3
2.1
A
TA=25°C
0.6
0.5
Maximum Power Dissipation
b
TA=70°C
PD
0.4
0.3
W
Pulsed Drain Current
c
IDM
10
A
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
10 s
125
150
Junction-to-Ambient Thermal Resistance
a
Steady State
R JA
140
175
t
10 s
150
180
Junction-to-Ambient Thermal Resistance
b
Steady State
R JA
165
210
Junction-to-Case Thermal Resistance
Steady State
R JC
60
76
°C/W
a
Surface mounted on FR4 Board using 1 in sq pad size, 1oz Cu.
b
Surface mounted on FR4 board using the minimum recommended pad size, 1oz Cu.
c
Repetitive rating, pulse width limited by junction temperature, tp=10μs, Duty Cycle=1%
d
Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C.
Will Semiconductor Ltd.
2
Mar.2018 – Rev.1.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com