Electronic Components Datasheet Search
  English  ▼

X  

BMA145 Datasheet(PDF) 9 Page - Bosch Sensortec GmbH

Part # BMA145
Description  Triaxial, analog acceleration sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA145 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMA145 Datasheet HTML 5Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 6Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 7Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
BMA145
Data sheet
Bosch Sensortec
3
BMA145 features
3.1
General description
The BMA145 is a fully calibrated, triaxial low-g analog acceleration sensor. It allows
measurements of static as well as dynamic accelerations in all three dimensions. Due to its
three perpendicular axes it gives the absolute orientation in a gravity field and enables free-fall
detection. The sensor is set up as a two-chip arrangement consisting of a three-channel
capacity differential MEMS acceleration-sensing element and an application specific integrated
circuit (ASIC). Both parts are embedded in a standard, surface mountable land grid array
package (LGA). In the following, the LGA packed two-chip arrangement is defined as sensor
module.
The accelerometer features a low-pass characteristic, with a bandwidth limited to 1.5 kHz
(nominal value). This value can further be reduced using external capacitors to improve or
customize noise level. It is advised to reduce bandwidth to minimum value required in the
application.
The bandwidth of all output pins can be selected by the value of the capacitors connected to the
Ax, Ay and Az output. Each channel behaves like an independent low-pass RC filter, given by
the internal 33kΩ resistor and the external capacitor. The resulting RC low pass filter on Ax, Ay
an Az is also valid for the multiplexer output pin. Do not connect an additional external capacitor
on the multiplexer output pin. Refer to chapter 4.8 for details.
3.1.1 MEMS element
The production of the sensing element is based on standard semiconductor- and standard
MEMS processes. The main steps are layer deposition, layer masking and layer structuring in a
technology cycle, similar to the standard semiconductor manufacturing. In detail, the process
cycle starts with the deposition of a thick epitaxial layer on a sacrificial oxide. The large
thickness allows the design of working capacitances of up to 1pF. The poly-layer is patterned by
deep reactive ion etching in an inductively coupled plasma (DRIE-ICP, the so-called Bosch
process). A large aspect ratio and a very high anisotropy is achieved by periodic passivation of
the side walls in between the etch intervals. Afterwards the sacrificial layer is removed. The
sensing element is hermetically sealed by a bulk micromachined cap to prevent damages of the
structure by dicing, packaging and operation of the device.
3.1.2 ASIC
The ASIC is produced in a standard CMOS process. It evaluates, corrects and amplifies the
output signal of the MEMS acceleration-sensing element. Simplified considered, the ASIC
consists mainly out of 3 capacity voltage converters and 3 signal conditioners, a channel
multiplexer, a digital to analog converter an EEPROM memory and an internal RC oscillator. For
customized testing an electrostatic force to the sensor electrodes can be induced and compared
with a nominal condition. Thus, a general statement about the functional capability of the sensor
module can be made at any time.
Rev. 1.3
Page 9 / proprietary information
11 February 2010
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com