Electronic Components Datasheet Search
  English  ▼

X  

BMA145 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMA145
Description  Triaxial, analog acceleration sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA145 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMA145 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
BMA145
Data sheet
Bosch Sensortec
4.6
Polarity of the acceleration output
If the sensor is accelerated into the indicated directions, the corresponding channels will deliver
a positive acceleration signal (dynamic acceleration).
Example: If the sensor is at rest or at uniform motion in a gravity field according to the figure
given below, the output signals are:
 ± 0g for the X channel
 ± 0g for the Y channel
 + 1g for the Z channel
+y
+z
top side
+x
gravity vector
The following table lists all corresponding output signals on Ax, Ay, and Az while the sensor is
at rest or at uniform motion in a gravity field under assumption of a top down gravity vector as
shown above.
Sensor orientation
(gravity vector
)
Output signal Ax
0g / 1.5V
-1g / 1.2V
0g / 1.5V
+1g / 1.8V
0g / 1.5V
0g / 1.5V
Output signal Ay
+1g / 1.8V
0g / 1.5V
-1g / 1.2V
0g / 1.5V
0g / 1.5V
0g / 1.5V
Output signal Az
0g / 1.5V
0g / 1.5V
0g / 1.5V
0g / 1.5V
+1g / 1.8V
-1g / 1.2V
027
AYWW
CCC
027
AYWW
CCC
upright
Rev. 1.3
Page 14 / proprietary information
11 February 2010
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com