Electronic Components Datasheet Search
  English  ▼

X  

BMA145 Datasheet(PDF) 24 Page - Bosch Sensortec GmbH

Part # BMA145
Description  Triaxial, analog acceleration sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA145 Datasheet(HTML) 24 Page - Bosch Sensortec GmbH

Back Button BMA145 Datasheet HTML 18Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 19Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 20Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 21Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 22Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 23Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 24Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 25Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 26Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
BMA145
Data sheet
Bosch Sensortec
5.6
RoHS compliancy
The BMA145 sensor meets the requirements of the EC restriction of hazardous substances
(RoHS) directive, see also:
Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003
on the restriction of the use of certain hazardous substances in electrical and electronic
equipment.
5.7
Halogen content
Results of chemical analysis show that the BMA145 contains less than 900ppm (by weight) of
Fluorine, Chlorine, Iodine and Bromine (i.e. <900ppm per each substance).
Therefore the BMA145 can be regarded as halogen-free.
For more details on the analysis results please contact your Bosch Sensortec representative.
5.8
Note on internal package structure
Within the scope of Bosch Sensortec’s ambition to improve ist products and secure the product
supply while mass production, Bosch Sensortec qualifies additional sources fort he LGA
package of the BMA145.
While Bosch Sensortec took care that all of the technical packages parameters are described
above are 100% identical for both sources, there can be differences in the chemical content and
the internal structural between the different package sources.
However, as secured by the extensive product qualification process of Bosch Sensortec, this
has no impact to the usage or to the quality of the BMA145 product.
Rev. 1.3
Page 24 / proprietary information
11 February 2010
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com