Electronic Components Datasheet Search
  English  ▼

X  

BMA145 Datasheet(PDF) 13 Page - Bosch Sensortec GmbH

Part # BMA145
Description  Triaxial, analog acceleration sensor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA145 Datasheet(HTML) 13 Page - Bosch Sensortec GmbH

Back Button BMA145 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA145 Datasheet HTML 17Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
BMA145
Data sheet
Bosch Sensortec
Rev. 1.3
Page 13 / proprietary information
11 February 2010
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
approximately +0.25g for X and Y and +0.5g for Z axis (nominal value). For the ±4g acceleration
range this corresponds to a typical output signal delta of ∆Uoutnom [v] = (VDD [v] / 10) x 0.25 for X
and Y and ∆Uoutnom [v] = (VDD [v] / 10) x 0.5 for Z, to be added as a static voltage offset to the
current output signal Xout, Yout and Zout. The self test response remains as a static offset on
the X, Y, Z and AMUX output as long as the self test activation input pin is not set back to logic
0.
Simplified, while the self test is activated, any acceleration or gravitational force applied to the
sensor will be observed in the output signal as a superposition of both acceleration and self test
signal.
Self Test Response
Output Signal [LSB]
Self Test Activation Bit
0
1
Self Test Activation Pin
Output Signal [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com