Electronic Components Datasheet Search
  English  ▼

X  

MSM9405 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM9405
Description  IrDA Communication Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9405 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM9405 Datasheet HTML 17Page - OKI electronic componets MSM9405 Datasheet HTML 18Page - OKI electronic componets MSM9405 Datasheet HTML 19Page - OKI electronic componets MSM9405 Datasheet HTML 20Page - OKI electronic componets MSM9405 Datasheet HTML 21Page - OKI electronic componets MSM9405 Datasheet HTML 22Page - OKI electronic componets MSM9405 Datasheet HTML 23Page - OKI electronic componets MSM9405 Datasheet HTML 24Page - OKI electronic componets MSM9405 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/30
MSM9405
¡ Semiconductor
• ICR1: Infrared Control Register 1 (Address = 4h)
The ICR1 (Infrared Control Register 1) is used to set various environment so that the MSM9405
can perform IrDA communication under proper conditions. When the system is reset, all bits
of ICR1 are set to "0".
ICR1
7
ICR1
6
ICR1
5
ICR1
4
ICR1
3
ICR1
2
ICR1
1
ICR1
0
TX_EN ("1": Transmit Enable)
RX_EN ("1": Receive Enable)
S_EOT ("1": Set End Of Transmission)
IR_PLS ("1": Send Interaction Pulse)
FCLR ("1": FIFO Clear)
CRC_INV ("1": Send Inverted CRC Enable)
TCC_EN ("0": TCC off, "1": TCC on)
MS_EN ("1": Automatic mode Select)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com