Electronic Components Datasheet Search
  English  ▼

X  

MSM9405 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM9405
Description  IrDA Communication Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9405 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM9405 Datasheet HTML 14Page - OKI electronic componets MSM9405 Datasheet HTML 15Page - OKI electronic componets MSM9405 Datasheet HTML 16Page - OKI electronic componets MSM9405 Datasheet HTML 17Page - OKI electronic componets MSM9405 Datasheet HTML 18Page - OKI electronic componets MSM9405 Datasheet HTML 19Page - OKI electronic componets MSM9405 Datasheet HTML 20Page - OKI electronic componets MSM9405 Datasheet HTML 21Page - OKI electronic componets MSM9405 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18/30
MSM9405
¡ Semiconductor
• EIR: Event Identification Register (Read Only) (Address = 2h)
The EIR (Event Identification Register) indicates factors of various interrupts on the MSM9405.
Each of eight bits corresponds to each interrupt bit assignment set on the ENR. The EIR works
as the status register even if the interrupt is disabled. When an event occurs, each corresponding
bit is set to "1". When the system is reset, all bits are reset to "0".
EIR
7
EIR
6
EIR
5
EIR
4
EIR
3
EIR
2
EIR
1
EIR
0
FE_EV (Framing Error = "1")
AS_EV (Abort Sequence = "1")
ECE_EV (Encode Error = "1")
OE_EV (Overrun Error = "1")
CE_EV (CRC Error = "1")
MLE_EV (Maximum Length = "1")
EOF_EV (EOF = "1")
RXH/T_EV (RX High-Data-Level/Timeout = "1")
TXL_EV (TX Low-Data-Level = "1")
TXE_EV (TX Empty = "1")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com