Electronic Components Datasheet Search
  English  ▼

X  

MSM9405 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM9405
Description  IrDA Communication Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9405 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM9405 Datasheet HTML 9Page - OKI electronic componets MSM9405 Datasheet HTML 10Page - OKI electronic componets MSM9405 Datasheet HTML 11Page - OKI electronic componets MSM9405 Datasheet HTML 12Page - OKI electronic componets MSM9405 Datasheet HTML 13Page - OKI electronic componets MSM9405 Datasheet HTML 14Page - OKI electronic componets MSM9405 Datasheet HTML 15Page - OKI electronic componets MSM9405 Datasheet HTML 16Page - OKI electronic componets MSM9405 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
MSM9405
¡ Semiconductor
FUNCTIONAL DESCRIPTION
Modes
There are four modes provided by the MSM9405 for IrDA communication. Communication
with IrDA1.0 is in SIR mode or Extended-SIR mode, while communication with IrDA1.1 is in
MIR mode or FIR mode. In SIR mode, the MSM9405 has the necessary UART feature for IrDA
communication. The Extended-SIR mode is an original feature of the MSM9405. In this mode,
BOF/EOF insertion and CRC calculation/check are performed by the MSM9405. Therefore, the
burden to the CPU can be reduced compared with IrDA1.0 communication using ordinary
UART. Moreover, the Extended-SIR mode allows DMA transfer even in IrDA1.0 communication.
In MIR mode, IrDA1.1 communication at up to 1.152 Mbps is possible. The FIR mode supports
4 Mbps transfer for IrDA1.1. Features of each mode are as follows:
MSM9405 Modes Comparison
Preamble
insertion/removal
"0" insertion/
removal
CE insertion/
removal
EOF
CRC
BOF
mode
Transfer rate
—
—
SW
SW
SW
SW
SIR
2.4 to 115.2 kbps
—
—
HW
HW
HW
HW
Extended-SIR
2.4 to 115.2 kbps
—
HW
—
HW
HW
HW
MIR
0.576, 1.152 Mbps
HW
—
—
HW
HW
HW
FIR
4 Mbps
CE : Control Escape Byte
SW : Software
HW : Hardware
Sending/Receiving Switching Method
Mode switching between sending and receiving is made using the TX_EN and RX_EN bits in
the ICR1 (Infrared Control Register 1). For sending, writing "1" in TX_EN puts the MSM9405
in the sending mode. Writing "1" in RX_EN puts the MSM9405 in the receiving mode. If "0" is
written to both TX_EN and RX_EN bits, the MSM9405 does not perform sending/receiving but
enters the idle state. Each register can be set even during the idle state. Data to be sent can be
written in advance to the FIFO during the idle state.
If "1" is written to both TX_EN and RX_EN, the MSM9405 is put in the receiving mode.
DMA Transfer
The MSM9405 allows DMA transfer. The DMA transfer mode covers the single transfer mode
and demand transfer mode, but not the block transfer mode. When a DMA controller with TC
output is used for sending, the DMA controller and MSM9405 automatically perform high-
speed transfer if the maximum frame length is specified for TFL and the transfer data length for
the TC counter of the DMA controller.
The timing when the DREQ signal is asserted is as follows:
During receiving, DREQ is asserted when data in the FIFO is at or above the receiving threshold
level or time-out occurs.
If all of the received data in the FIFO is read, DREQ is deasserted.
During sending, DREQ is asserted when data in the FIFO is lower than the sending threshold
level. Sent data is written and DREQ is deasserted when the FIFO becomes full or TXE_EV
occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com