Electronic Components Datasheet Search
  English  ▼

X  

MSM9405 Datasheet(PDF) 26 Page - OKI electronic componets

Part # MSM9405
Description  IrDA Communication Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9405 Datasheet(HTML) 26 Page - OKI electronic componets

Back Button MSM9405 Datasheet HTML 22Page - OKI electronic componets MSM9405 Datasheet HTML 23Page - OKI electronic componets MSM9405 Datasheet HTML 24Page - OKI electronic componets MSM9405 Datasheet HTML 25Page - OKI electronic componets MSM9405 Datasheet HTML 26Page - OKI electronic componets MSM9405 Datasheet HTML 27Page - OKI electronic componets MSM9405 Datasheet HTML 28Page - OKI electronic componets MSM9405 Datasheet HTML 29Page - OKI electronic componets MSM9405 Datasheet HTML 30Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
26/30
MSM9405
¡ Semiconductor
• DSR: DMA Mode Select Register (Address = 7h)
The DSR (DMA Mode Select Register) is used to select the DMA mode for the MSM9405. When
the system is reset, all bits of DSR are set to "0".
DSR
7
DSR
6
DSR
5
DSR
4
DSR
3
DSR
2
DSR
1
DSR
0
DMA_EN ("1": DMA mode)
DMA_SL0 (DMA Select 0)
DMA_SL1 (DMA Select 1)
Not Used
DSR Bit
DMA_EN (DMA Mode Enable): This bit determines whether the DMA is to be used. The initial value
is set to "0".
When "1" is written to this bit, DSR[1-2] (DMA_SL0, DMA_SL1) setting is enabled and the
MSM9405 enters the DMA transfer standby mode. (DREQ is asserted when the DREQ assert
condition is met.)
If DMA_EN = "0", DSR[1-2] (DMA_SL0, DMA_SL1) setting is disabled and DMA transfer is not
performed. (DREQ is not asserted even if the DREQ assert condition is met.)
DSR[0]
Description
DSR[1-2]
DMA_SL (DMA Select): These bits are used to select the method of interfacing with DMAC.
DMA_SL1
Function
DMA_SL0
0
0
DREQ becomes active low and DACK becomes active high.
When the RD signal becomes active while DACK is active,
the DMA read cycle (MemoryÆM9405) is selected. When
the WR signal becomes active while DACK is active, the
DMA write cycle (M9405ÆMemory) is selected. While
DACK is being asserted, address "0" (TDR/RDR) is
accessed regardless of the status of A0 to A3.
0
1
DREQ becomes active high and DACK becomes active low.
When the WR signal becomes active while DACK is active,
the DMA read cycle (MemoryÆM9405) is selected. When
the RD signal becomes active while DACK is active, the
DMA write cycle (M9405ÆMemory) is selected. While
DACK is being asserted, address "0" (TDR/RDR) is
accessed regardless of the status of A0 to A3.
1
0
DREQ becomes active low and DACK becomes active high.
DACK is disabled.
1
1
DREQ becomes active high and DACK becomes active low.
DACK is disabled.
These bits are not used.
DSR[3-7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com