Electronic Components Datasheet Search
  English  ▼

X  

2NP02 Datasheet(PDF) 6 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2NP02
Description  Complementary Trench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2NP02 Datasheet(HTML) 6 Page - Guangdong Kexin Industrial Co.,Ltd

  2NP02 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SMD Type
www.kexin.com.cn
6
MOSFET
Complementary Trench MOSFET
5
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
-V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
50
70
90
110
130
150
02
468
10
-I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
0
255075
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=-4.5V
I
D=-2.5A
V
GS=-2.5V
I
D=-2A
V
GS=-1.8V
I
D=-1A
25
C
125
C
V
DS=-5V
V
GS=-1.8V
V
GS=-4.5V
0
5
10
15
20
25
01
2
3
4
5
-V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=-1.5V
-2V
-4V
-2.5V
-3V
-3.5V
-4.5V
V
GS=-2.5V
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
-V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
50
70
90
110
130
150
02
468
10
-I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25
C
125
C
0.8
1
1.2
1.4
1.6
0
255075
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=-4.5V
I
D=-2.5A
V
GS=-2.5V
I
D=-2A
V
GS=-1.8V
I
D=-1A
40
60
80
100
120
140
160
180
0
246
8
-V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25
C
125
C
V
DS=-5V
V
GS=-1.8V
V
GS=-4.5V
I
D=-2.5A
25
C
125
C
0
5
10
15
20
25
01
2
3
4
5
-V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=-1.5V
-2V
-4V
-2.5V
-3V
-3.5V
-4.5V
V
GS=-2.5V
P-Channel Typical Characterisitics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com