Electronic Components Datasheet Search
  English  ▼

X  

2NP02 Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2NP02
Description  Complementary Trench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2NP02 Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  2NP02 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SMD Type
www.kexin.com.cn
5
MOSFET
Complementary Trench MOSFET
N-Channel Typical Characterisitics
0
1
2
3
4
5
01
23
4
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
100
200
300
400
0
5
10
15
20
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=10V
I
D=3.4A
1
10
100
1000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-
to-Ambient (Note F)
T
A=25
C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10 s
10s
1ms
DC
R
DS(ON)
limited
T
J(Max)=150
C
T
A=25
C
100 s
10ms
0
1
2
3
4
5
01
23
4
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
100
200
300
400
0
5
10
15
20
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=10V
I
D=3.4A
1
10
100
1000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-
to-Ambient (Note F)
T
A=25
C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10 s
10s
1ms
DC
R
DS(ON)
limited
T
J(Max)=150
C
T
A=25
C
100 s
10ms
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
D=T
on/T
T
J,PK=TA+PDM.Z JA.R JA
R
JA=150
C/W
T
on
T
P
D
Single Pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com