Electronic Components Datasheet Search
  English  ▼

X  

2NP02 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2NP02
Description  Complementary Trench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2NP02 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2NP02 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Complementary Trench MOSFET
P-Channel Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250
A, VGS=0V
-20
V
VDS=-20V, VGS=0V
-1
VDS=-20V, VGS=0V, TJ=55
-5
Gate-Body leakage current
IGSS
VDS=0V, VGS=
8V
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250
A
-0.4
-0.65
-1
V
VGS=-4.5V, ID=-2.5A
56
75
VGS=-4.5V, ID=-2.5A
TJ=125
80
105
VGS=-2.5V, ID=-2A
70
95
VGS=-1.8V, ID=-1A
85
115
On state drain current
ID(ON)
VGS=-4.5V, VDS=-5V
-13
A
Forward Transconductance
gFS
VDS=-5V, ID=-2.5A
13
S
Input Capacitance
Ciss
560
745
Output Capacitance
Coss
80
Reverse Transfer Capacitance
Crss
70
Gate resistance
Rg
VGS=0V, VDS=0V, f=1MHz
15
23
Total Gate Charge (4.5V)
Qg
8.5
11
Gate Source Charge
Qgs
1.2
Gate Drain Charge
Qgd
2.1
Turn-On DelayTime
td(on)
7.2
Turn-On Rise Time
tr
36
Turn-Off DelayTime
td(off)
53
Turn-Off Fall Time
tf
56
Body Diode Reverse Recovery Time
trr
37
49
Body Diode Reverse Recovery Charge
Qrr
27
nC
Maximum Body-Diode Continuous Current
IS
-1.5
A
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-0.7
-1
V
VGS=-4.5V, VDS=-10V, RL=4
,RGEN=6
ns
IF=-2.5A, dI/dt=100A/
s
pF
nC
Zero Gate Voltage Drain Current
IDSS
A
Static Drain-Source On-Resistance
RDS(On)
m
VGS=-4.5V, VDS=-10V, ID=-2.5A
VGS=0V, VDS=-10V, f=1MHz
Marking
Marking



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com