Electronic Components Datasheet Search
  English  ▼

X  

2NP02 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2NP02
Description  Complementary Trench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2NP02 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2NP02 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Complementary Trench MOSFET
Features
N-Channel
VDS=20V ID=3.4A
RDS(ON)
65m
(VGS = 4.5V)
RDS(ON)
75m
(VGS = 2.5V)
RDS(ON)
100m
(VGS = 1.8V)
P-Channel
VDS=-20V ID=-2.5A
RDS(ON)
75m
(VGS =-4.5V)
RDS(ON)
95m
(VGS =-2.5V)
RDS(ON)
115m
(VGS =-1.8V)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
N-Channel P-Channel
Unit
Drain-Source Voltage
VDS
20
-20
Gate-Source Voltage
VGS
Continuous Drain Current
Ta = 25
3.4
-2.5
Ta = 70
2.5
-2
Pulsed Drain Current
IDM
13
-13
Power Dissipation
Ta = 25
Ta = 70
Thermal Resistance.Junction- to-Ambient
t
10s
Steady-State
Thermal Resistance.Junction- to-Lead
Steady-State
RthJL
Junction Temperature
TJ
Storage Temperature Range
Tstg
ID
A
150
-55 to 150
RthJA
150
PD
W
1.1
V
/W
110
80
8
0.7
G2
D2
S2
G1
D1
S1
n-channel
p-channel
G2
D2
S2
G1
D1
S1
-channel
p-channel
1
2
3
4
5
6
SOT-23-6
()
+0.01
-0.01
+0.2
-0.1
0.4 -0.1
+0.1
1.Gate1
4.Drain2
2.Source2
5.Source1
3.Gate2
6.Drain1


Similar Part No. - 2NP02

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
2NP06 LUGUANG-2NP06 Datasheet
1Mb / 6P
Complementary MOSFET
Revision:20230530-P1
More results

Similar Description - 2NP02

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO6601 KEXIN-AO6601 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO6602 KEXIN-AO6602 Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4613 KEXIN-AO4613 Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
Complementary Trench MOSFET
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
Complementary Trench MOSFET
AO4614B KEXIN-AO4614B Datasheet
1Mb / 7P
Complementary Trench MOSFET
AO4618 KEXIN-AO4618 Datasheet
2Mb / 7P
Complementary Trench MOSFET
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
Complementary Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com