Electronic Components Datasheet Search
  English  ▼

X  

L6710 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6710
Description  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6710 Datasheet HTML 4Page - STMicroelectronics L6710 Datasheet HTML 5Page - STMicroelectronics L6710 Datasheet HTML 6Page - STMicroelectronics L6710 Datasheet HTML 7Page - STMicroelectronics L6710 Datasheet HTML 8Page - STMicroelectronics L6710 Datasheet HTML 9Page - STMicroelectronics L6710 Datasheet HTML 10Page - STMicroelectronics L6710 Datasheet HTML 11Page - STMicroelectronics L6710 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
L6710
8/34
REFERENCE SCHEMATIC
DEVICE DESCRIPTION
The device is an integrated circuit realized in BCD technology. It provides complete control logic and pro-
tections for a high performance dual-phase step-down DC-DC converter optimized for microprocessor
power supply. It is designed to drive N Channel MOSFETs in a two-phase synchronous-rectified buck to-
pology. A 180 deg phase shift is provided between the two phases allowing reduction in the input capacitor
current ripple, reducing also the size and the losses.
The output voltage of the converter can be precisely regulated, programming the VID pins, from 0.8375 to
1.6000V with 12.5mV binary steps, with a maximum tolerance on the output regulated voltage of ±0.5%
over temperature and line voltage variations. Since the VID pins program the maximum output voltage,
the device automatically regulates to a voltage VID*=VID-25mV avoiding use of any external component
to lower the regulated voltage. Dynamic VID Code changes are managed stepping to the new configura-
tion following the VID table with no need for external components. The device provides an average cur-
rent-mode control with fast transient response. It includes a 150kHz oscillator externally adjustable
through a resistor. The error amplifier features a 15V/
µs slew rate that permits high converter bandwidth
for fast transient performances.
Current information is read across the lower mosfets RdsON or across a sense resistor placed in series to
the LS mos in fully differential mode. The current information corrects the PWM output in order to equalize
the average current carried by each phase. Current sharing between the two phases is then limited at
±10% over static and dynamic conditions unless considering the sensing element spread.
The device protects against Over-Current, with an OC threshold for each phase, entering in constant cur-
rent mode. Since the current is read across the low side mosfets, the device keeps constant the bottom
of the inductors current triangular waveform. When an under voltage is detected the device latches and
the FAULT pin is driven high. The device performs also Over-Voltage protection that disables immediately
the device turning ON the lower driver and driving high the FAULT pin.
L6710
PGOOD
PGND
PGNDS
ISEN2
LGATE2
VSEN
FB
PHASE2
HGATE2
BOOT2
VCC
COMP
SGND
REF_OUT
VID0
VID1
VID2
VID3
VID4
To PGNDS
ISEN1
LGATE1
PHASE1
HGATE1
BOOT1
VCCDR
5
31
35
36
38
21
20
41
3
43
42
40
19
28
27
26
24
25
6, 7
39
30
13
9
8
14
18
OUTEN
FBG
12
RFB
RF
CF
Rg
Rg
LS2
HS2
L2
CIN
COUT
S1
S0
S3
S2
S4
Rg
LS1
L1
HS1
Vin
GNDin
PGOOD
CPU
Rg
VID5
29
S5
OSC / FAULT
22
17
FBR
VID_Pgood
To VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com