Electronic Components Datasheet Search
  English  ▼

X  

L6710 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6710
Description  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 Datasheet(HTML) 2 Page - STMicroelectronics

  L6710 Datasheet HTML 1Page - STMicroelectronics L6710 Datasheet HTML 2Page - STMicroelectronics L6710 Datasheet HTML 3Page - STMicroelectronics L6710 Datasheet HTML 4Page - STMicroelectronics L6710 Datasheet HTML 5Page - STMicroelectronics L6710 Datasheet HTML 6Page - STMicroelectronics L6710 Datasheet HTML 7Page - STMicroelectronics L6710 Datasheet HTML 8Page - STMicroelectronics L6710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
L6710
2/34
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Symbol
Parameter
Value
Unit
Vcc, VCCDR
To PGND
15
V
VBOOT-VPHASE
Boot Voltage
15
V
VUGATE1-VPHASE1
VUGATE2-VPHASE2
15
V
LGATE1, PHASE1, LGATE2, PHASE2 to PGND
-0.3 to Vcc+0.3
V
VID0 to VID5
-0.3 to 5
V
All other pins to PGND
-0.3 to 7
V
VPHASEx
Sustainable Peak Voltage. T<20nS @ 600kHz
26
V
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
40
°C/W
Tmax
Maximum junction temperature
150
°C
Tstg
Storage temperature range
-40 to 150
°C
Tj
Junction Temperature Range
0 to 125
°C
PMAX
Max power dissipation at Tamb=25
°C
2.5
W
CURRENT
READING
I
FB
TO TAL
CURRENT
CH1
OCP
DAC
DIGITAL
SOFT-START
CH1 OCP
PWM1
ERROR
AMPL IFIER
REMOTE
BUFFER
32k
32k
32k
LS
LS
HS
Vcc
HS
BOOT1
U
GATE1
PHASE1
LGATE1
ISEN1
PGND
PGNDS
ISEN2
LGATE2
PHASE2
UGATE2
BOOT2
Vcc
COMP
FB
FBG
FBR
VID1
VID2
VID3
VID4
VID5
PGOOD
OSC / FAULT
SGND
VCCDR
32k
VCCDR
VCC
CH2 OCP
PWM2
CH2
OCP
CURRENT
READING
VID0
OUTEN
REF_OUT
VSEN
CURRENT
READING
CURRENT
READING
I
FB
TO TAL
CURRENT
CH1
OCP
DAC
DIGITAL
SOFT-START
CH1 OCP
PWM1
ERROR
AMPL IFIER
REMOTE
BUFFER
32k
32k
32k
LS
LS
HS
Vcc
HS
BOOT1
U
GATE1
PHASE1
LGATE1
ISEN1
PGND
PGNDS
ISEN2
LGATE2
PHASE2
UGATE2
BOOT2
Vcc
COMP
FB
FBG
FBR
VID1
VID2
VID3
VID4
VID5
PGOOD
OSC / FAULT
SGND
VCCDR
32k
VCCDR
VCC
CH2 OCP
PWM2
CH2
OCP
CURRENT
READING
CURRENT
READING
VID0
OUTEN
REF_OUT
VSEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com