Electronic Components Datasheet Search
  English  ▼

X  

L6710 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6710
Description  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 Datasheet(HTML) 4 Page - STMicroelectronics

  L6710 Datasheet HTML 1Page - STMicroelectronics L6710 Datasheet HTML 2Page - STMicroelectronics L6710 Datasheet HTML 3Page - STMicroelectronics L6710 Datasheet HTML 4Page - STMicroelectronics L6710 Datasheet HTML 5Page - STMicroelectronics L6710 Datasheet HTML 6Page - STMicroelectronics L6710 Datasheet HTML 7Page - STMicroelectronics L6710 Datasheet HTML 8Page - STMicroelectronics L6710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
L6710
4/34
22
OSC/FAULT
Oscillator pin.
It allows programming the switching frequency of each channel: the equivalent switching
frequency at the load side results in being doubled.
Internally fixed at 1.24V, the frequency is varied proportionally to the current sunk (forced)
from (into) the pin with an internal gain of 6kHz/
µA (See relevant section for details). If the
pin is not connected, the switching frequency is 150kHz for each channel (300kHz on the
load).
The pin is forced high (5V Typ.) when an Over/Under Voltage is detected; to recover from
these latched conditions, cycle VCC.
23
N.C.
Not internally bonded.
24 to 29
VID0-5
Voltage IDentification pins.
Internally pulled-up, connect to SGND to program a ‘0’ while leave floating to program a ‘1’.
They are used to program the output voltage as specified in Table 1 and to set the PGOOD,
OVP and UVP thresholds.
Since the VID pins program the maximum output voltage, according to VRD10 specs, the
device automatically regulates to a voltage VID* = VID–25mV avoiding use of any external
component to lower the regulated voltage.
30
PGOOD
This pin is an open collector output and is pulled low if the output voltage is not within the
above-specified thresholds and during soft-start. It cannot be pulled up above 3.3V
If not used may be left floating.
31
BOOT2
Channel 2 HS driver supply. This pin supplies the relative high side driver.
Connect through a capacitor (100nF typ.) to the PHASE2 pin and through a diode to VCC
(cathode vs. boot).
32 to 34
N.C.
Not internally bonded.
35
HGATE2
Channel 2 HS driver output.
A little series resistor helps in reducing device-dissipated power.
36
PHASE2
Channel 2 HS driver return path. It must be connected to the HS2 mosfet source and
provides the return path for the HS driver of channel 2.
37
N.C.
Not internally bonded.
38
LGATE2
Channel 2 LS driver output.
A little series resistor helps in reducing device-dissipated power.
39
PGND
LS drivers return path.
This pin is common to both sections and it must be connected through the closest path to
the LS mosfets source pins in order to reduce the noise injection into the device.
40
LGATE1
Channel 1 LS driver output.
A little series resistor helps in reducing device-dissipated power.
41
VCCDR
LS drivers supply: it can be varied from 5V to 12V buses.
Filter locally with at least 1
µF ceramic cap vs. PGND.
42
PHASE1
Channel 1 HS driver return path. It must be connected to the HS1 mosfet source and
provides the return path for the HS driver of channel 1.
43
HGATE1
Channel 1 HS driver output.
A little series resistor helps in reducing device-dissipated power.
44
N.C.
Not internally bonded.
PAD
THERMAL
PAD
Thermal pad connects the silicon substrate and makes a good thermal contact with the PCB
to dissipate the power necessary to drive external mosfets. Connect to the GND plane with
several vias to improve thermal conduction.
PIN FUNCTION (continued)
N
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com