Electronic Components Datasheet Search
  English  ▼

X  

GPC3XXXAX Datasheet(PDF) 5 Page - Generalplus Technology Inc.

Part # GPC3XXXAX
Description  3--channell Sound Conttrollller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3XXXAX Datasheet(HTML) 5 Page - Generalplus Technology Inc.

  GPC3XXXAX Datasheet HTML 1Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 2Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 3Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 4Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 5Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 6Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 7Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 8Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
5
Aug. 28, 2017
Version: 2.3
5. GPC3XXXAx/Bx/Cx/Dx FAMILY AND FEATURE LIST
Body
GPC3680A
GPC3540A
GPC3480A
GPC3420A
GPC3341A
-
Voice Duration
680 Sec.
540 Sec.
480 Sec.
420 Sec.
340 Sec.
-
Working
Voltage
2.1~5.5V
2.1~5.5V
2.1~5.5V
2.1~5.5V
2.0~5.5V
-
RAM Size
128B
128B
128B
128B
128B
-
ROM Size
2MB
1632KB
1440KB
1280KB
1024KB(OTP)
-
Clock Source
IROSC
IROSC
IROSC
IROSC
IROSC
-
IO Pin
24 (IOA/B/C)
24 (IOA/B/C)
24 (IOA/B/C)
24 (IOA/B/C)
24 (IOA/B/C)
-
High sink IO
IOB[3:0]
IOB[3:0]
IOB[3:0]
IOB[3:0]
IOB[3:0]
-
Hardware
PWMIO
V
V
V
V
V
-
IR
V
V
V
V
V
-
RTC
V
V
V
V
V
-
PWM
Volume
control
V
V
V
V
V
-
Feedback
function
X
X
X
X
X
-
IRQ Interrupt
8
8
8
8
8
-
NMI interrupt
1
1
1
1
1
-
Wakeup source
3
3
3
3
3
-
Body
GPC3340A/B
GPC3256A/B
GPC3340C/D
GPC3256C
GPC3170A/B/A1/
B1
GPC3120A/B/A1
Voice Duration
340 Sec.
256 Sec.
340 Sec.
256 Sec.
170 Sec.
120 Sec.
Working
Voltage
2.0~5.5V
2.0~5.5V
2.0~5.5V
2.0~5.5V
2.0~5.5V
2.0~5.5V
RAM Size
128B
128B
128B
128B
128B
128B
ROM Size
1024KB
768KB
1024KB
768KB
512KB
384KB
Clock Source
IROSC
IROSC
IROSC
IROSC
IROSC
IROSC
IO Pin
24 (IOA/B/C)
24 (IOA/B/C)
16 (IOA/B)
16 (IOA/B)
16 (IOA/B)
16 (IOA/B)
High sink IO
IOB[3:0]
IOB[3:0]
IOB[3:0]
IOB[3:0]
IOB[3:0]
IOB[3:0]
Hardware
PWMIO
V
V
V
V
V
V
IR
V
V
V
V
V
V
RTC
V
V
V
V
V
V
PWM
Volume
control
V
V
V
V
V
V
Feedback
function
X
X
X
X
X
X
IRQ Interrupt
8
8
8
8
8
8
NMI interrupt
1
1
1
1
1
1
Wakeup source
3
3
3
3
3
3
Note1: Only 1M Ohm pull low R is available on IOA[7:0] for GPC3340B~GPC3092B, GPC3340D, and GPC3170B1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com