Electronic Components Datasheet Search
  English  ▼

X  

GPC3XXXAX Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPC3XXXAX
Description  3--channell Sound Conttrollller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3XXXAX Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPC3XXXAX Datasheet HTML 4Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 5Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 6Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 7Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 8Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 9Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 10Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 11Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
8
Aug. 28, 2017
Version: 2.3
6.2. Signal Descriptions for GPC3341A
PIN Name
Type
Description
IO Port
IOA[7:0]
I/O
Bi-directional I/O port, can be software programmed as a wake-up I/O. 1Mohm || 100K feedback
Pull Low resistor
IOA7 shares its pad with IR Output,
IOA3 shares its pad with SDA in serial programming cycle.
IOA2 shares its pad with SCK in serial programming cycle.
IOA1 shares its pad with External Clock Input.
IOA0 shares its pad with External Interrupt Input.
IOB[7:0]
I/O
Bi-directional I/O port, can be software programmed as a wake-up I/O. 1Mohm || 100K feedback
Pull Low resistor.
IOB5 shares its pad with XTAL 32KHz Input.
IOB4 shares its pad with XTAL 32KHz Output.
IOB[3:0] shares its pad with 256-level PWM Output, high sink current.
IOC[7:0]
I/O
Bi-directional I/O port, can be software programmed as a wake-up I/O. 1Mohm || 100K feedback
Pull Low resistor
Power & Ground PAD
VDD_REGOUT
O
Regulator output pin
VDD_REGIN
P
Regulator input pin
CVSS
G
Ground reference
VPP
P
High voltage during programming, NC at the normal run
VDDIO
P
Power supply voltage input
VSSIO
G
Ground reference
PVDD
P
PWM driver power
PVSS
G
PWM driver ground reference
Others
RESB
I
System reset input, low active with pull-high
EPM
I
Program control pin, NC at the normal run
TEST
I
Test pin input, high active (with pull low) and
please DON’T bond the TEST pin.
NC
I
DON’T bond the NC pin.
AUDP, AUDN
O
PWM audio output
Total: 38 Pins
Legend: I = Input
O = Output
P = Power
G = Ground
Note1: To ensure that the IC is functioned properly, please bond all VDD and VSS pins.
Note2: VDD_REGIN should be equal to VDDIO.
Note3: PVDD should be higher than or equal to VDD_REGIN & VDDIO.
Note4:
please DON’T bond NC pin.
Note5:
please DON’T bond TEST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com